Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3232TB-E3 Datasheet(PDF) 5 Page - NEC

Part # UPC3232TB-E3
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3232TB-E3 Datasheet(HTML) 5 Page - NEC

  UPC3232TB-E3 Datasheet HTML 1Page - NEC UPC3232TB-E3 Datasheet HTML 2Page - NEC UPC3232TB-E3 Datasheet HTML 3Page - NEC UPC3232TB-E3 Datasheet HTML 4Page - NEC UPC3232TB-E3 Datasheet HTML 5Page - NEC UPC3232TB-E3 Datasheet HTML 6Page - NEC UPC3232TB-E3 Datasheet HTML 7Page - NEC UPC3232TB-E3 Datasheet HTML 8Page - NEC UPC3232TB-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TEST CIRCUIT
VCC
1 000 pF
C4
1 000 pF
39 pF
C3
C6
Feed-through capacitor
C5
C1
100 pF
IN
3
1
4
2, 5, 6
33 pF
C2
OUT
GND
R1
L1
1 000 pF
47 nH
L2
68 nH
560
l1
l2
Length of microstrip line :
l1 = 2.25 mm
l2 = 2.75 mm
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
COMPONENTS OF TEST CIRCUIT FOR MEASURING
ELECTRICAL CHARACTERISTICS
Type
Value
R1
Chip Resistance
560
L1
Chip Inductor
47 nH
L2
Chip Inductor
68 nH
C1
Chip Capacitor
100 pF
C2
Chip Capacitor
33 pF
C3, C4
Chip Capacitor
1 000 pF
C5
Chip Capacitor
39 pF
C6
Feed-through Capacitor
1 000 pF
INDUCTOR FOR THE OUTPUT PIN
The internal output transistor of this IC, to output medium power. To supply current for output transistor, connect
an inductor between the VCC pin (pin 3) and output pin (pin 1). Select inductance, as the value listed above.
The inductor has both DC and AC effects. In terms of DC, the inductor biases the output transistor with minimum
voltage drop to output enable high level. In terms of AC, the inductor makes output-port impedance higher to get
enough gain. In this case, large inductance and Q is suitable (Refer to the following page).
CAPACITORS FOR THE VCC, INPUT AND OUTPUT PINS
Capacitors of 1 000 pF are recommendable as the bypass capacitor for the VCC pin and the coupling capacitors for
the input and output pins.
The bypass capacitor connected to the VCC pin is used to minimize ground impedance of VCC pin. So, stable bias
can be supplied against VCC fluctuation.
The coupling capacitors, connected to the input and output pins, are used to cut the DC and minimize RF serial
impedance. Their capacitances are therefore selected as lower impedance against a 50
Ω load. The capacitors thus
perform as high pass filters, suppressing low frequencies to DC.
To obtain a flat gain from 100 MHz upwards, 1 000 pF capacitors are used in the test circuit. In the case of under
10 MHz operation, increase the value of coupling capacitor such as 10 000 pF. Because the coupling capacitors are
determined by equation, C = 1/(2
πRfc).
Data Sheet PU10597EJ01V0DS
5
µPC3232TB


Similar Part No. - UPC3232TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3232TB-E3 CEL-UPC3232TB-E3 Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3232TB-E3 RENESAS-UPC3232TB-E3 Datasheet
345Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
logo
California Eastern Labs
UPC3232TB-E3-A CEL-UPC3232TB-E3-A Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3232TB-E3-A RENESAS-UPC3232TB-E3-A Datasheet
345Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
More results

Similar Description - UPC3232TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com