Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3225TB Datasheet(PDF) 8 Page - NEC

Part # UPC3225TB
Description  5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3225TB Datasheet(HTML) 8 Page - NEC

Back Button UPC3225TB Datasheet HTML 4Page - NEC UPC3225TB Datasheet HTML 5Page - NEC UPC3225TB Datasheet HTML 6Page - NEC UPC3225TB Datasheet HTML 7Page - NEC UPC3225TB Datasheet HTML 8Page - NEC UPC3225TB Datasheet HTML 9Page - NEC UPC3225TB Datasheet HTML 10Page - NEC UPC3225TB Datasheet HTML 11Page - NEC UPC3225TB Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TYPICAL CHARACTERISTICS (VCC = 5.0 V, TA = +25
°C, unless otherwise specified)
Supply Voltage VCC (V)
01
3
35
30
25
20
15
10
5
VCC = 5.0 V
TA =
− 40°C
+25
°C
+85
°C
2
4567
Operating Ambient Temperature TA (
°C)
− 60 − 40
0
26.0
25.5
25.5
24.5
24.5
23.5
23.0
22.5
VCC = 5.0 V
− 20
20
60
80
100
40
0
1.0
2.0
4.0
36
34
32
30
28
26
3.0
Frequency f (GHz)
− 15
− 25
− 35
− 45
− 55
− 65
0
1.0
2.0
4.0
3.0
Frequency f (GHz)
VCC = 4.5 V
5.0 V
5.5 V
VCC = 4.5 V
5.0 V
5.5 V
CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
CIRCUIT CURRENT vs. OPERATING
AMBIENT TEMPERATURE
POWER GAIN vs. FREQUENCY
ISOLATION vs. FREQUENCY
0
1.0
2.0
4.0
36
34
32
30
28
26
3.0
VCC = 5.0 V
POWER GAIN vs. FREQUENCY
Frequency f (GHz)
TA =
− 40°C
+25
°C
+85
°C
− 15
− 25
− 35
− 45
− 55
− 65
0
1.0
2.0
4.0
3.0
ISOLATION vs. FREQUENCY
Frequency f (GHz)
VCC = 5.0 V
TA =
− 40°C
+25
°C
+85
°C
Remark The graphs indicate nominal characteristics.
Data Sheet PU10500EJ01V0DS
8
µPC3225TB


Similar Part No. - UPC3225TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3225TB CEL-UPC3225TB Datasheet
350Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC3225TB CEL-UPC3225TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC3225TB RENESAS-UPC3225TB Datasheet
377Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
logo
California Eastern Labs
UPC3225TB-E3 CEL-UPC3225TB-E3 Datasheet
350Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC3225TB-E3 RENESAS-UPC3225TB-E3 Datasheet
377Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results

Similar Description - UPC3225TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com