Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU208A Datasheet(PDF) 4 Page - Motorola, Inc

Part # BU208A
Description  5.0 AMPERES NPN SILICON POWER TRANSISTOR 700 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BU208A Datasheet(HTML) 4 Page - Motorola, Inc

  BU208A Datasheet HTML 1Page - Motorola, Inc BU208A Datasheet HTML 2Page - Motorola, Inc BU208A Datasheet HTML 3Page - Motorola, Inc BU208A Datasheet HTML 4Page - Motorola, Inc BU208A Datasheet HTML 5Page - Motorola, Inc BU208A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BU208A
4
Motorola Bipolar Power Transistor Device Data
BASE DRIVE
The Key to Performance
By now, the concept of controlling the shape of the turn–off
base current is widely accepted and applied in horizontal
deflection design. The problem stems from the fact that good
saturation of the output device, prior to turn–off, must be as-
sured. This is accomplished by providing more than enough
IB1 to satisfy the lowest gain output device hFE at the end of
scan ICM. Worst–case component variations and maximum
high voltage loading must also be taken into account.
If the base of the output transistor is driven by a very low
impedance source, the turn–off base current will reverse
very quickly as shown in Fig. 3. This results in rapid, but only
partial collector turn–off, because excess carriers become
trapped in the high resistivity collector and the transistor is
still conductive. This is a high dissipation mode, since the
collector voltage is rising very rapidly. The problem is over-
come by adding inductance to the base circuit to slow the
base current reversal as shown in Fig. 4, thus allowing ac-
cess carrier recombination in the collector to occur while the
base current is still flowing.
Choosing the right LB Is usually done empirically since the
equivalent circuit is complex, and since there are several
important variables (ICM, IB1, and hFE at ICM). One method is
to plot fall time as a function of LB, at the desired conditions,
for several devices within the hFE specification. A more infor-
mative method is to plot power dissipation versus IB1 for a
range of values of LB.
This shows the parameter that really matters, dissipation,
whether caused by switching or by saturation. For very low
LB a very narrow optimum is obtained. This occurs when IB1
hFE ^ ICM, and therefore would be acceptable only for the
“typical” device with constant ICM. As LB is increased, the
curves become broader and flatter above the IB1. hFE = ICM
point as the turn off “tails” are brought under control. Eventu-
ally, if LB is raised too far, the dissipation all across the curve
will rise, due to poor initiation of switching rather than tailing.
Plotting this type of curve family for devices of different hFE,
essentially moves the curves to the left, or right according to
the relation IB1 hFE = constant. It then becomes obvious that,
for a specified ICM, an LB can be chosen which will give low
dissipation over a range of hFE and/or IB1. The only remain-
ing decision is to pick IB1 high enough to accommodate the
lowest hFE part specified. Neither LB nor IB1 are absolutely
critical. Due to the high gain of Motorola devices it is sug-
gested that in general a low value of IB1 be used to obtain
optimum efficiency — eg. for BU208A with ICM = 4.5 A use
IB1 [ 1.5 A, at ICM = 4 A use IB1 [ 1.2 A. These values are
lower than for most competition devices but practical tests
have showed comparable efficiency for Motorola devices
even at the higher level of IB1.
An LB of 10 µH to 12 µH should give satisfactory operation
of BU208A with ICM of 4 to 4.5 A and IB1 between 1.2 and
2 A.
TEST CIRCUIT WAVEFORMS
Figure 3
Figure 4
IB
IC
IB
IC
(TIME)
(TIME)
TEST CIRCUIT OPTIMIZATION
The test circuit may be used to evaluate devices in the
conventional manner, i.e., to measure fall time, storage time,
and saturation voltage. However, this circuit was designed to
evaluate devices by a simple criterion, power supply input.
Excessive power input can be caused by a variety of prob-
lems, but it is the dissipation in the transistor that is of funda-
mental importance. Once the required transistor operating
current is determined, fixed circuit values may be selected.


Similar Part No. - BU208A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU208A MOSPEC-BU208A Datasheet
117Kb / 3P
   POWER TRANSISTORS(5.0A,1300-1500V,55W)
logo
Savantic, Inc.
BU208A SAVANTIC-BU208A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BU208A ONSEMI-BU208A Datasheet
202Kb / 6P
   NPN SILICON POWER TRANSISTOR
1995 REV 7
logo
New Jersey Semi-Conduct...
BU208A NJSEMI-BU208A Datasheet
157Kb / 3P
   HORIZONTAL DEFLECTION TRANSISTOR
logo
STMicroelectronics
BU208A STMICROELECTRONICS-BU208A Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
More results

Similar Description - BU208A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
ON Semiconductor
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
logo
Motorola, Inc
BUH150 MOTOROLA-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
MJ16020 MOTOROLA-MJ16020 Datasheet
168Kb / 4P
   NPN SILICON POWER TRANSISTOR 30 AMPERES 450 VOLTS
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
   POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com