Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2561DL2-1-V-E3 Datasheet(PDF) 2 Page - NEC

Part # PS2561DL2-1-V-E3
Description  DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2561DL2-1-V-E3 Datasheet(HTML) 2 Page - NEC

  PS2561DL2-1-V-E3 Datasheet HTML 1Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 2Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 3Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 4Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 5Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 6Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 7Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 8Page - NEC PS2561DL2-1-V-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PACKAGE DIMENSIONS (UNIT : mm)
DIP Type
Long Creepage Distance
PS2561D-1
2.54
1.25±0.15
0.50±0.10
0.25 M
4.6±0.35
0 to 15
°
7.62
0.25
+0.1
–0.05
1 2
4 3
PS2561DL1-1
0 to 15
°
0.25
+0.1
–0.05
10.16
2.54
0.25 M
0.50±0.1
1.25±0.15
4.6±0.35
1
2
4
3
Lead Bending Type
Long Creepage Distance (Gull-Wing)
PS2561DL-1
0.25 M
4.6±0.35
2.54
1.25±0.15
0.9±0.25
9.60±0.4
1
2
4
3
PS2561DL2-1
0.25 M
2.54
1.25±0.15
4.6±0.35
11.8
+0.2
–0.5
0.9±0.25
10.16
1
2
4
3
PHOTOCOUPLER CONSTRUCTION
Parameter
PS2561D-1, PS2561DL-1
PS2561DL1-1, PS2561DL2-1
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Inner Creepage Distance (MIN.)
4 mm
4 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
Preliminary Data Sheet PN10777EJ01V0DS
2
PS2561D-1,PS2561DL-1,PS2561DL1-1,PS2561DL2-1


Similar Part No. - PS2561DL2-1-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561DL2-1-V-E3 RENESAS-PS2561DL2-1-V-E3 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561DL2-1-V-E3 CEL-PS2561DL2-1-V-E3 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561DL2-1-V-E3 RENESAS-PS2561DL2-1-V-E3 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561DL2-1-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com