Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2561DL2-1-V Datasheet(PDF) 6 Page - NEC

Part # PS2561DL2-1-V
Description  DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2561DL2-1-V Datasheet(HTML) 6 Page - NEC

Back Button PS2561DL2-1-V Datasheet HTML 2Page - NEC PS2561DL2-1-V Datasheet HTML 3Page - NEC PS2561DL2-1-V Datasheet HTML 4Page - NEC PS2561DL2-1-V Datasheet HTML 5Page - NEC PS2561DL2-1-V Datasheet HTML 6Page - NEC PS2561DL2-1-V Datasheet HTML 7Page - NEC PS2561DL2-1-V Datasheet HTML 8Page - NEC PS2561DL2-1-V Datasheet HTML 9Page - NEC PS2561DL2-1-V Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5
μA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
10
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 48 V, IF = 0 mA
100
nA
IF = 5 mA, VCE = 5 V
50
160
400
%
Coupled
Current Transfer Ratio
(IC/IF)
*1
CTR
IF = 1 mA, VCE = 5 V
10
80
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 2 mA, RL = 100
Ω
3
μs
Fall Time
*2
tf
5
*1 CTR rank
CTR Rank
CTR (%)
Conditions
80 to 160
IF = 5 mA, VCE = 5 V
H
16 and larger
IF = 1 mA, VCE = 5 V
100 to 200
IF = 5 mA, VCE = 5 V
Q
20 and larger
IF = 1 mA, VCE = 5 V
130 to 260
IF = 5 mA, VCE = 5 V
W
26 and larger
IF = 1 mA, VCE = 5 V
200 to 400
IF = 5 mA, VCE = 5 V
L
40 and larger
IF = 1 mA, VCE = 5 V
50 to 400
IF = 5 mA, VCE = 5 V
N
10 and larger
IF = 1 mA, VCE = 5 V
*2 Test circuit for switching time
VCC
VOUT
RL = 100
Ω
50
Ω
IF
μ
Pulse Input
PW = 100 s
Duty Cycle = 1/10
Input
Output
90%
10%
tr
td
tf
ts
ton
toff
Preliminary Data Sheet PN10777EJ01V0DS
6
PS2561D-1,PS2561DL-1,PS2561DL1-1,PS2561DL2-1


Similar Part No. - PS2561DL2-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561DL2-1-V RENESAS-PS2561DL2-1-V Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561DL2-1-V CEL-PS2561DL2-1-V Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561DL2-1-V RENESAS-PS2561DL2-1-V Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561DL2-1-V-E3 RENESAS-PS2561DL2-1-V-E3 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561DL2-1-V-E3 CEL-PS2561DL2-1-V-E3 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561DL2-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com