Electronic Components Datasheet Search |
|
PS9587L3-E3-AX Datasheet(PDF) 7 Page - NEC |
|
PS9587L3-E3-AX Datasheet(HTML) 7 Page - NEC |
7 / 18 page Data Sheet PN10678EJ03V0DS 7 PS9587,PS9587L1,PS9587L2,PS9587L3 ELECTRICAL CHARACTERISTICS (TA = −40 to +85°C, unless otherwise specified) Parameter Symbol Conditions MIN. TYP. *1 MAX. Unit Diode Forward Voltage VF IF = 10 mA, TA = 25 °C 1.4 1.65 1.8 V Reverse Current IR VR = 3 V, TA = 25 °C 10 μA Terminal Capacitance Ct VF = 0 V, f = 1 MHz, TA = 25 °C 30 150 pF Detector High Level Output Current IOH VCC = VO = 5.5 V, VF = 0.8 V 1 100 μA Low Level Output Voltage *2 VOL VCC = 5.5 V, IF = 5 mA, IOL = 13 mA 0.2 0.6 V High Level Supply Current ICCH VCC = 5.5 V, IF = 0 mA, VO = Open 5 8 mA Low Level Supply Current ICCL VCC = 5.5 V, IF = 10 mA, VO = Open 9 11 mA Coupled Threshold Input Current (H → L) IFHL TA = 25 °C 3.3 mA VCC = 5 V, VO = 0.8 V, RL = 350 Ω 1.5 5 Isolation Resistance RI-O VI-O = 1 kVDC, RH = 40 to 60%, TA = 25 °C 10 11 Ω Isolation Capacitance CI-O V = 0 V, f = 1 MHz, TA = 25 °C 0.9 5 pF Propagation Delay Time tPHL VCC = 5 V, TA = 25 °C 35 75 ns (H → L)*3 VTHHL = VTHLH = 1.5 V, 100 Propagation Delay Time tPLH RL = 350 Ω, TA = 25 °C 45 75 ns (L → H)*3 100 Rise Time tr IF = 7.5 mA, CL = 15 pF 20 ns Fall Time tf 10 ns Pulse Width Distortion (PWD) *3 ⏐tPHL-tPLH⏐ 10 50 ns Propagation Delay Skew tPSK 60 ns Common Mode Transient Immunity at High Level Output *4 CMH VCC = 5 V, TA = 25 °C, IF = 0 mA, VO (MIN.) = 2 V, VCM = 1.5 kV, RL = 350 Ω 15 kV/ μs Common Mode Transient Immunity at Low Level Output *4 CML VCC = 5 V, TA = 25 °C, IF = 7.5 mA, VO (MAX.) = 0.8 V, VCM = 1.5 kV, RL = 350 Ω 15 kV/ μs |
Similar Part No. - PS9587L3-E3-AX |
|
Similar Description - PS9587L3-E3-AX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |