Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7801J-1A Datasheet(PDF) 8 Page - NEC

Part # PS7801J-1A
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF 廓) 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7801J-1A Datasheet(HTML) 8 Page - NEC

Back Button PS7801J-1A Datasheet HTML 4Page - NEC PS7801J-1A Datasheet HTML 5Page - NEC PS7801J-1A Datasheet HTML 6Page - NEC PS7801J-1A Datasheet HTML 7Page - NEC PS7801J-1A Datasheet HTML 8Page - NEC PS7801J-1A Datasheet HTML 9Page - NEC PS7801J-1A Datasheet HTML 10Page - NEC PS7801J-1A Datasheet HTML 11Page - NEC PS7801J-1A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TAPING SPECIFICATIONS (UNIT: mm)
Tape Direction
PS7801J-1A-F3
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)
1.55±0.05
4.0±0.1
2.0±0.05
4.0±0.1
2.9 MAX.
0.3
2.9±0.1
2.4±0.1
1.5
+0.1
–0
NN
N
N
Packing: 3 500 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0
Data Sheet PN10687EJ01V0DS
8
PS7801J-1A


Similar Part No. - PS7801J-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7801J-1A CEL-PS7801J-1A Datasheet
219Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C횞R 3pF • 廓 , 1-ch Optical Coupled MOS FET
PS7801J-1A CEL-PS7801J-1A Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801J-1A RENESAS-PS7801J-1A Datasheet
202Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3 pF • Ω) 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7801J-1A-A CEL-PS7801J-1A-A Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801J-1A-F3 CEL-PS7801J-1A-F3 Datasheet
219Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C횞R 3pF • 廓 , 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801J-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801M-1A NEC-PS7801M-1A Datasheet
116Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF • 廓) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801J-1A_V1 CEL-PS7801J-1A_V1 Datasheet
279Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801M-1A CEL-PS7801M-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
PS7802B-1A CEL-PS7802B-1A Datasheet
214Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (6.3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801E-1A NEC-PS7801E-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801E-1A CEL-PS7801E-1A Datasheet
200Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
PS7801J-1A CEL-PS7801J-1A Datasheet
219Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C횞R 3pF • 廓 , 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801J-1A RENESAS-PS7801J-1A Datasheet
202Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3 pF • Ω) 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7801E-1A RENESAS-PS7801E-1A Datasheet
268Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R, 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com