Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7241E-1A Datasheet(PDF) 4 Page - NEC

Part # PS7241E-1A
Description  4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241E-1A Datasheet(HTML) 4 Page - NEC

  PS7241E-1A Datasheet HTML 1Page - NEC PS7241E-1A Datasheet HTML 2Page - NEC PS7241E-1A Datasheet HTML 3Page - NEC PS7241E-1A Datasheet HTML 4Page - NEC PS7241E-1A Datasheet HTML 5Page - NEC PS7241E-1A Datasheet HTML 6Page - NEC PS7241E-1A Datasheet HTML 7Page - NEC PS7241E-1A Datasheet HTML 8Page - NEC PS7241E-1A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
4
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
μA
MOS FET
Off-state Leakage
Current
ILoff
VD = 400 V
1.0
μA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
18
pF
Coupled
LED On-state Current
IFon
IL = 120 mA
4.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
22
35
Ω
Ron2
IF = 10 mA, IL = 120 mA, t
≤ 10 ms
17
23
Turn-on Time
*1, 2
ton
IF = 10 mA, VO = 5 V, RL = 500
Ω,
0.5
1.0
ms
Turn-off Time
*1, 2
toff
PW
≥ 10 ms
0.07
0.2
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.5
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10%
90%
0
VO = 5 V
50%
Output
Input
*2 The turn-on time and turn-off time are specified as input-pulse width
≥ 10 ms.
Be aware that when the device operates with an input-pulse width less than 10 ms, the turn-on time and turn-off
time will increase.
<R>
Data Sheet PN10459EJ03V0DS
4
PS7241E-1A


Similar Part No. - PS7241E-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241E-1A CEL-PS7241E-1A Datasheet
363Kb / 7P
   NECs 4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-CH OPTICALLY COUPLED MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7241E-1A RENESAS-PS7241E-1A Datasheet
244Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241E-1A-E3 CEL-PS7241E-1A-E3 Datasheet
363Kb / 7P
   NECs 4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-CH OPTICALLY COUPLED MOS FET
More results

Similar Description - PS7241E-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7241E-1A RENESAS-PS7241E-1A_15 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1B RENESAS-PS7241E-1B Datasheet
261Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1B NEC-PS7241E-1B Datasheet
106Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
PS7241-1A CEL-PS7241-1A Datasheet
349Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com