Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7206-1A-E4-A Datasheet(PDF) 9 Page - NEC

Part # PS7206-1A-E4-A
Description  4-PIN SOP, 0.6LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7206-1A-E4-A Datasheet(HTML) 9 Page - NEC

Back Button PS7206-1A-E4-A Datasheet HTML 5Page - NEC PS7206-1A-E4-A Datasheet HTML 6Page - NEC PS7206-1A-E4-A Datasheet HTML 7Page - NEC PS7206-1A-E4-A Datasheet HTML 8Page - NEC PS7206-1A-E4-A Datasheet HTML 9Page - NEC PS7206-1A-E4-A Datasheet HTML 10Page - NEC PS7206-1A-E4-A Datasheet HTML 11Page - NEC PS7206-1A-E4-A Datasheet HTML 12Page - NEC PS7206-1A-E4-A Datasheet HTML 13Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet PN10297EJ03V0DS
9
PS7206-1A
PS7206-1A-F3
PS7206-1A-F4
Tape Direction
Outline and Dimensions (Tape)
1.55±0.1
2.0±0.05
4.0±0.1
4.6±0.1
2.9 MAX.
0.3
8.0±0.1
2.4±0.1
1.5
+0.1
–0
Outline and Dimensions (Reel)
Packing: 3 500 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0


Similar Part No. - PS7206-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7206-1A-E4-A CEL-PS7206-1A-E4-A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7206-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7206-1A NEC-PS7206-1A Datasheet
81Kb / 12P
   4-PIN SOP, 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7206-1A CEL-PS7206-1A Datasheet
355Kb / 11P
   4-PIN SOP, 0.6 OHM LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7206-1A RENESAS-PS7206-1A_15 Datasheet
241Kb / 15P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7205B-1A NEC-PS7205B-1A_1 Datasheet
106Kb / 13P
   4-PIN SOP, 0.9 廓 LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710B-1A NEC-PS710B-1A Datasheet
105Kb / 14P
   6-PIN DIP, 0.05 廓 LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710E-1A NEC-PS710E-1A Datasheet
105Kb / 14P
   6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com