Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7241-2B-F3 Datasheet(PDF) 6 Page - NEC

Part # PS7241-2B-F3
Description  8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241-2B-F3 Datasheet(HTML) 6 Page - NEC

Back Button PS7241-2B-F3 Datasheet HTML 2Page - NEC PS7241-2B-F3 Datasheet HTML 3Page - NEC PS7241-2B-F3 Datasheet HTML 4Page - NEC PS7241-2B-F3 Datasheet HTML 5Page - NEC PS7241-2B-F3 Datasheet HTML 6Page - NEC PS7241-2B-F3 Datasheet HTML 7Page - NEC PS7241-2B-F3 Datasheet HTML 8Page - NEC PS7241-2B-F3 Datasheet HTML 9Page - NEC PS7241-2B-F3 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet PN10305EJ02V0DS
6
PS7241-2B
VO = 5 V
30
25
20
15
10
5
0.05
0.15
0.20
0.30
0.10
0.25
0
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
VO = 5 V
30
25
20
15
10
5
0.2
0.6
0.8
1.2
0.4
1.0
0
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
n = 50 pcs,
IF = 10 mA,
VO = 5 V
0.02
0.04
0
5
10
15
20
25
30
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V
0.1
0.2
0
5
10
15
20
25
30
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION
Normalized to 1.0
at TA = 25 ˚C,
IF = 0 mA,
IL = 10 mA
0.5
1.5
2.0
3.0
1.0
2.5
0.0
100
75
50
25
–25
0
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
n = 50 pcs,
IF = 0 mA,
IL = 10 mA
20
22
19
21
23
0
5
10
15
20
25
30
On-state Resistance Ron (
Ω)
ON-STATE RESISTANCE DISTRIBUTION
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7241-2B-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-2B-F3 CEL-PS7241-2B-F3 Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
PS7241-2B-F3-A CEL-PS7241-2B-F3-A Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7241-2B-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1B RENESAS-PS7241E-1B Datasheet
261Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1B NEC-PS7241E-1B Datasheet
106Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com