Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2405T6Q-E2-A Datasheet(PDF) 7 Page - NEC

Part # UPG2405T6Q-E2-A
Description  1 W SP3T SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2405T6Q-E2-A Datasheet(HTML) 7 Page - NEC

  UPG2405T6Q-E2-A Datasheet HTML 1Page - NEC UPG2405T6Q-E2-A Datasheet HTML 2Page - NEC UPG2405T6Q-E2-A Datasheet HTML 3Page - NEC UPG2405T6Q-E2-A Datasheet HTML 4Page - NEC UPG2405T6Q-E2-A Datasheet HTML 5Page - NEC UPG2405T6Q-E2-A Datasheet HTML 6Page - NEC UPG2405T6Q-E2-A Datasheet HTML 7Page - NEC UPG2405T6Q-E2-A Datasheet HTML 8Page - NEC UPG2405T6Q-E2-A Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
Partial Heating
Peak temperature (terminal temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet PG10753EJ01V0DS
7
μPG2405T6Q


Similar Part No. - UPG2405T6Q-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2405T6Q-E2-A RENESAS-UPG2405T6Q-E2-A Datasheet
305Kb / 11P
   GaAs INTEGRATED CIRCUIT
2009
More results

Similar Description - UPG2405T6Q-E2-A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-011041 MA-COM-MASW-011041 Datasheet
710Kb / 5P
   Switch, SP3T 200 W
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
logo
RF Micro Devices
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
   SP3T Switch
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
   SP3T Switch
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
   SP3T Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
   SP3T SWITCH
logo
RF Micro Devices
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
   Symmetric SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
logo
TriQuint Semiconductor
TGS2303 TRIQUINT-TGS2303_15 Datasheet
573Kb / 3P
   SP3T PIN Switch
logo
RF Micro Devices
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
   Symmetric SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com