Part Name
         Description
UPG2406TB-E4

 0.01 to 3.0 GHz SPDT SWITCH ( 13 Page)


NEC
100% 
Zoom Out Zoom In
 
 2 page
background image
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
RF1
2
GND
3
RF2
4
Vcont2
5
RFC
4
5
6
3
2
1
(Bottom View)
3
2
1
4
5
6
(Top View)
3
2
1
4
5
6
(Top View)
RF1
GND
RF2
Vcont1
Vcont2
RFC
6
Vcont1
SW TRUTH TABLE
ON Path
Vcont1
Vcont2
RFC-RF1
High
Low
RFC-RF2
Low
High
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Switch Control Voltage
Vcont
+6.0
Note
V
Input Power
f = 0.01 to 0.5 GHz
Pin1
+24.0
dBm
f = 0.5 to 3.0 GHz
Pin2
+31.0
Operating Ambient Temperature
TA
−45 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Note
⎪Vcont1 − Vcont2⎪ ≤ 6.0 V
RECOMMENDED OPERATING RANGE (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Switch Control Voltage (H)
Vcont (H)
1.8
2.7
5.3
V
Switch Control Voltage (L)
Vcont (L)
−0.2
0
0.2
V
Data Sheet PG10747EJ01V0DS
2
μPG2406TB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl