Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPB5147G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5147G
Description  Home Phone Networking Analog Magnetics Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5147G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5147G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Filter Characteristic Impedance : 100
Ω •
Insertion
Loss
(dB Max.)
-1.0 Min.
4.25 MHz - 9.75 MHz
Return
Loss
(dB Min.)
-12
6 MHz - 9MHz
Electrical Parameters @ 25° C
Home Phone Networking
Analog Magnetics Module
CSB5147G
Rev. A
8/4/03
• Designed to work with Broadcom’s BCM 4210 •
• UL approved file # E210972 •
• Robust construction allows for IR/VP processes •
• 1500 Vrms Isolation •
• Enhanced Common Mode Attenuation to pass FCC Class B •
• Temperature Range -40°C to +85°C •
EPB5147G
Cut-off
Frequency
E L E C T R O N I C S I N C .
Attenuation
(dB Min.)
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Common to
Differential
(dB Min.)
200 KHz - 22 MHz
-40
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
.830
.740
.084
---
.003
---
.870
.017
.008
---
.025
---
---
---
---
.850
.760
.092
---
.010
---
.890
.022
.013
---
.045
---
---
---
---
.840
.750
.088
.600
.005
.100
.880
.020
.011
.120
.035
.030
.100
.085
.910
21.08
18.79
2.13
---
.076
---
22.10
.432
.203
---
.635
---
---
---
---
21.59
19.30
2.34
---
.254
---
22.61
.559
.330
---
1.14
---
---
---
---
21.33
19.05
2.24
15.24
.127
2.54
22.35
.508
.279
3.05
.889
.762
2.54
2.16
23.11
@ 1.1 MHz
-60
Product performance is limited to specified parameters. Data is subject to change without prior notice.
@ 22 MHz
-35
3.5
Lower
Band
11.5
Upper
Band
Package
Schematic
1
2
3
4
8 (Phone Line Tip)
9 (Phone Line Ring)
BPF
.001uF
2Kv
Transmit
Receive
1:.667
Pins
8-9:1-2
1:2
Pins
8-9:3-4
Turns Ratio
0 < f < = 0.285
0.285 < f < = 2.85
2.85 < f < = 28.5
28.5 < f < = 95
95 < f < = 190
190 < f < = 285
285 < f < = 380
380 < f < = 475
475 < f < = 570
570 < f < = 665
665 < f < = 760
760 < f < = 855
855 < f < = 950
950 < f < = 1000
Frequency
Range
(KHz)
1 M
100 K
10 K
4.0 K
2.0 K
1.4 K
1.0 K
850
700
600
525
450
400
350
Minimum
Impedance
1000 < f < = 1400
1400 < f < = 2300
2300 < f < = 2850
2850 < f < = 3085
3085 < f < = 3725
3725 < f < = 3935
3935 < f < = 4000
10000 < f < = 10450
10450 < f < = 10925
10925 < f < = 13125
13125 < f < = 14175
14175 < f < = 16800
16800 < f < = 21000
21000 < f < = 30000
175
100
50
25
10
25
50
40
25
10
25
50
100
50
Frequency
Range
(KHz)
Minimum
Impedance
Input Impedance
With 44.2
Ω load across pins 1 and 2, please refer to the table below.
The magnitude of the input impedance shall be > 10
Ω from 0-30 MHz
and shall conform to the following lower-bound mask:
-2.2 Max.
@ 54 MHz
-50
G
L
K
P
Pad
Layout
Q
M
A
B
PCA
EPB5147G
Date Code
Pin 1
I.D.
HF
E
C
D
N
J
I
14
14


Similar Part No. - EPB5147G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5147NC PCA-EPB5147NC Datasheet
25Kb / 1P
   Home Phone Networking Analog Magnetics Module
More results

Similar Description - EPB5147G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5040G PCA-EPB5040G Datasheet
26Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5047NC PCA-EPB5047NC Datasheet
32Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5035GM PCA-EPB5035GM Datasheet
29Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5039G PCA-EPB5039G Datasheet
29Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5035G PCA-EPB5035G Datasheet
26Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5100G PCA-EPB5100G Datasheet
23Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5045GM PCA-EPB5045GM Datasheet
29Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5147NC PCA-EPB5147NC Datasheet
25Kb / 1P
   Home Phone Networking Analog Magnetics Module
EPB5045G PCA-EPB5045G Datasheet
26Kb / 1P
   Home Phone Networking Analog Magnetics Module
logo
List of Unclassifed Man...
LH-1602N ETC1-LH-1602N Datasheet
28Kb / 1P
   Home Phone Networking Analog Magnetics Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com