Electronic Components Datasheet Search |
|
TK71570S Datasheet(PDF) 11 Page - TOKO, Inc |
|
TK71570S Datasheet(HTML) 11 Page - TOKO, Inc |
11 / 13 page January 1999 TOKO, Inc. Page 11 TK715xx In general, the capacitor should be at least 1 µF and be rated for the actual ambient operating temperature range. The table below shows typical characteristics for several types and values of capacitance. Please note that the ESR varies widely depending upon manufacturer, type, size, and material. BOARD LAYOUT Copper pattern should be as large as possible. Power dissipation is 350 mW for SOT-23-3. A low ESR capacitor is recommended. For low temperature operation, select a capacitor with a low ESR at the lowest operating temperature to prevent oscillation, degradation of ripple rejection and increase in noise. The minimum recommended capacitance is 2.2 µF. The internal reverse bias protection eliminates the requirement for a reverse voltage protection diode. This saves both cost and board space. SOT-23-3 BOARD LAYOUT Note: ESR is measured at 10 kHz. ESR Capacitance Aluminum Capacitor Tantalum Capacitor Ceramic Capacitor 1.0 µF 2.4 Ω 2.3 Ω 0.140 Ω 2.2 µF 2.0 Ω 1.9 Ω 0.059 Ω 3.3 µF 4.6 Ω 1.0 Ω 0.049 Ω 10 µF 1.4 Ω 0.5 Ω 0.025 Ω APPLICATION INFORMATION (CONT.) + + VIN VOUT GND |
Similar Part No. - TK71570S |
|
Similar Description - TK71570S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |