Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71570S Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK71570S
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71570S Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK71570S Datasheet HTML 5Page - TOKO, Inc TK71570S Datasheet HTML 6Page - TOKO, Inc TK71570S Datasheet HTML 7Page - TOKO, Inc TK71570S Datasheet HTML 8Page - TOKO, Inc TK71570S Datasheet HTML 9Page - TOKO, Inc TK71570S Datasheet HTML 10Page - TOKO, Inc TK71570S Datasheet HTML 11Page - TOKO, Inc TK71570S Datasheet HTML 12Page - TOKO, Inc TK71570S Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
January 1999 TOKO, Inc.
Page 9
TK715xx
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
determine the power dissipation for shutdown when
mounted, attach the device on the actual PCB and
deliberately increase the output current (or raise the input
voltage) until the thermal protection circuit is activated.
Calculate the power dissipation of the device by subtracting
the output power from the input power. These
measurements should allow for the ambient temperature
of the PCB. The value obtained from P
D /(150 °C - TA) is the
derating factor. The PCB mounting pad should provide
maximum thermal conductivity in order to maintain low
device temperatures. As a general rule, the lower the
temperature, the better the reliability of the device. The
thermal resistance when mounted is expressed as follows:
T
j = 0jA x PD + TA
For Toko ICs, the internal limit for junction temperature is
150
°C. If the ambient temperature (T
A) is 25 °C, then:
150
°C = 0
jA x PD + 25 °C
0
jA = 125 °C/ PD
P
D is the value when the thermal sensor is activated. A
simple way to determine P
D is to calculate VIN x IIN when
the output side is shorted. Input current gradually falls as
temperature rises. You should use the value when thermal
equilibrium is reached.
The range of usable currents can also be found from the
graph below.
Procedure:
1) Find P
D
2) P
D1 is taken to be PD x (~ 0.8 - 0.9)
3) Plot P
D1 against 25 °C
4) Connect P
D1 to the point corresponding to the 150 °C
with a straight line.
5) In design, take a vertical line from the maximum
operating temperature (e.g., 75
°C) to the derating
curve.
6) Read off the value of P
D against the point at which the
vertical line intersects the derating curve. This is taken
as the maximum power dissipation, D
PD.
The maximum operating current is:
I
OUT = (DPD / (VIN(MAX) - VOUT)
SOT-23-3 POWER DISSIPATION CURVE
PD
DPD
25
50
75
150
(mW)
TA (°C)
3
6
5
4
0
50
100
150
TA (°C)
0
300
500
100
200
400
MOUNTED AS
SHOWN
FREE AIR


Similar Part No. - TK71570S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71570AS TOKO-TK71570AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71570ASCL TOKO-TK71570ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71570ASCL/70 TOKO-TK71570ASCL/70 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71570S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com