Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPB5081G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5081G
Description  ADSL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5081G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5081G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
ADSL Transformer
CSB5081G
Rev. 1
1/11/01
• Design for use with Conexant ADSL Chip Set •
• Designed to meet Supplementary Insulation Requirement •
of IEC950 for 250 VAC working Voltage
• Excellent THD Characteristic •
• Isolation : 2000Vrms •
EPB5081G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Dimensions
A
B
C
D
E
F
G
H
I
K
L
M
N
P
Q
Dim.
Min.
.530
.516
.480
.405
.015
.105
.675
.030
.014
.049
---
---
---
---
Max.
.512
.510
.470
.400
.010
.100
.670
.028
.012
---
.039
.051
.098
.100
.700
Nom.
(Inches)
(Millimeters)
12.45
12.85
11.68
10.03
.127
2.41
16.89
.660
.254
.737
---
---
---
---
Min.
13.46
13.11
12.19
10.29
.381
2.67
17.15
.762
.356
1.25
---
---
---
---
Max.
13.00
12.95
11.94
10.16
.254
2.54
17.02
.711
.305
---
.991
1.29
.249
2.54
17.78
Nom.
.490
.506
.460
.395
.005
.095
.665
.026
.010
.029
---
---
---
---
Schematic
Package
Product performance is limited to specified parameters. Data is subject to change without prior notice.
F
B
A
H
G
L
K
E
C
I
Marking:
PCA
EPB5081G
D.C.
D
Pin 1
I.D.
Longitudinal
Balance
(dB Min.)
-50
30 KHz~1.1 MHz
Pins 10-6 w/7-9 shorted
Line Side OCL
(uH ± 5%)
800
@ 10 KHz , 0.1 Vrms
N
M
Q
P
DCR
(
Ω Max.)
0.4
Pins 1-5
Pri.
1
Pins 10-6
Sec.
• Characteristics Line Side Impedance : 100
Ω •
2
1
10
4
7
5
9
6
1:3.3
Pri.
Sec.
Pins 10-6 w/ 7-9,
4-2, 1-5 shorted
Leakage
Inductance
(µH Max.)
10
@ 100 KHz, 0.1 Vrms
Total Harmonic Distortion
(dB Typ.)
@30 KHz, 2.5 Vrms
-88
Chip
Side
Line
Side


Similar Part No. - EPB5081G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5083 PCA-EPB5083 Datasheet
15Kb / 1P
   ADSL Transformer
More results

Similar Description - EPB5081G

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6644 FILTRAN-6644 Datasheet
68Kb / 1P
   ADSL Transformer
logo
XFMRS Inc.
XF0053A-EP13S XFMRS-XF0053A-EP13S Datasheet
75Kb / 1P
   ADSL TRANSFORMER
XF0709-AD23S XFMRS-XF0709-AD23S Datasheet
47Kb / 1P
   ADSL TRANSFORMER
XF0709-AD24S XFMRS-XF0709-AD24S Datasheet
43Kb / 1P
   ADSL TRANSFORMER
XF0709-AD25S XFMRS-XF0709-AD25S Datasheet
49Kb / 1P
   ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A Datasheet
63Kb / 1P
   ADSL TRANSFORMER
XFADSL33 XFMRS-XFADSL33 Datasheet
101Kb / 1P
   ADSL TRANSFORMER
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
   ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
   ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
   ADSL TRANSFORMER
XFADSL1S XFMRS-XFADSL1S Datasheet
61Kb / 1P
   ADSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com