Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380AC106B20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380AC106B20
Description  EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380AC106B20 Datasheet(HTML) 1 Page - Glenair, Inc.

  380AC106B20 Datasheet HTML 1Page - Glenair, Inc. 380AC106B20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 48
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
STYLE L
Light Duty
(Table IV)
.850 (21.6)
Max
Cable
Range
N
STYLE G
Light Duty
(Table V)
380 F D 106 M 16 05 L
Product Series
Connector
Designator
Angle and Profile
C = Ultra-Low Split 90°
D = Split 90°
F = Split 45°
Strain Relief Style (L, G)
Cable Entry (Tables IV, V)
Shell Size (Table I)
Finish (Table II)
Basic Part No.
STYLE 2
(See Note 1)
1.00 (25.4)
Max
H
(Table III)
F
(Table III)
G (Table III)
J
(Table III)
.072 (1.8)
Max
P
Cable
Entry
E Typ.
(Table I)
A Thread
(Table I)
M*
K*
L
(Table III)
Max Wire
Bundle
(Table III,
Note 1)
Anti-Rotation
Device (Typ.)
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
TYPE C OVERALL
SHIELD TERMINATION
Split 45°
Split 90°
Ultra Low-
Profile Split
90°
380-106
EMI/RFI Non-Environmental Backshell
Light-Duty with Strain Relief
Type C - Self-Locking - Rotatable Coupling - Split Shell
*(Table III)


Similar Part No. - 380AC106B20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AC105B08 GLENAIR-380AC105B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B10 GLENAIR-380AC105B10 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B12 GLENAIR-380AC105B12 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B14 GLENAIR-380AC105B14 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B16 GLENAIR-380AC105B16 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380AC106B20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AH008B08 GLENAIR-380AH008B08 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AC007B08 GLENAIR-380AC007B08 Datasheet
131Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AM106B08 GLENAIR-380AM106B08 Datasheet
57Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AH106B08 GLENAIR-380AH106B08 Datasheet
48Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AM007B08 GLENAIR-380AM007B08 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AA008B08 GLENAIR-380AA008B08 Datasheet
54Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com