Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380SD105M18 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 380SD105M18
Description  EMI/RFI Non-Environmental Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380SD105M18 Datasheet(HTML) 2 Page - Glenair, Inc.

  380SD105M18 Datasheet HTML 1Page - Glenair, Inc. 380SD105M18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 123
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied (not available in
Function C). Dimensions F, G, H and J will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for the wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
4. Consult factory for available sizes of 45° (Function F).
5. Angular function "C", low-profile split elbow, not available with "S" connector designator.
TABLE X: CABLE ENTRY
Dash
No.
04
06
08
10
12
16
20
24
28
32
T
Max
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.811 (20.6)
.905 (23.0)
1.092 (27.7)
1.124 (28.5)
1.399 (35.5)
1.399 (35.5)
Min
.125
(3.2)
.250
(6.4)
.312
(7.9)
.350
(8.9)
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.437 (36.5)
Max
.312
(7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.937 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
V
Max
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.332 (33.8)
1.551 (39.4)
1.770 (45.0)
2.113 (53.7)
2.363 (60.0)
2.770 (70.4)
3.020 (76.7)
Cable Range
Z
Max
.630 (16.0)
.755 (19.2)
.942 (23.9)
1.067 (27.1)
1.192 (30.3)
1.380 (35.1)
1.535 (39.0)
1.848 (46.9)
2.255 (57.3)
2.505 (63.6)
2.755 (70.0)
3.255 (82.7)
Max
.250
(6.4)
.312
(7.9)
.438 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
2.375 (60.3)
Dash
No.
03*
04*
06*
08
10
12
16
20
24
28
32*
40*
X
Max
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
1.323 (33.6)
1.323 (33.6)
1.572 (39.9)
1.572 (39.9)
1.572 (39.9)
Min **
.156
(4.0)
.188
(4.8)
.281
(7.1)
.344
(8.7)
.375
(9.5)
.438 (11.1)
.562 (14.3)
.750 (19.1)
.781 (19.8)
.969 (24.6)
1.125 (28.6)
1.469 (37.3)
Y
Max
.843 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
2.062 (52.4)
2.312 (58.7)
2.719 (69.1)
2.969 (75.4)
3.531 (89.7)
Cable Range
* Not available in Style M clamp.
** Not Applicable Style D
W
Max
.437 (11.1)
.437 (11.1)
.500 (12.7)
.563 (14.3)
.563 (14.3)
.563 (14.3)
.656 (16.7)
.656 (16.7)
.656 (16.7)
1.188 (30.2)
1.187 (30.1)
1.125 (28.6)
TABLE XI: CABLE ENTRY
Function C Max
Wire Bundle
.250 (6.4)
.375 (9.5)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.750 (19.1)
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
F
Max
.596 (15.1)
.656 (16.7)
.716 (18.2)
.776 (19.7)
.836 (21.2)
.906 (23.0)
.976 (24.8)
1.036 (26.3)
1.096 (27.8)
H
Max
.836 (21.2)
.906 (23.0)
.966 (24.5)
1.026 (26.1)
1.086 (27.6)
1.156 (29.4)
1.216 (30.9)
1.276 (32.4)
1.336 (33.9)
J
Max
1.530 (38.9)
1.590 (40.4)
1.660 (42.2)
1.690 (42.9)
1.790 (45.5)
1.850 (47.0)
1.910 (48.5)
1.970 (50.0)
2.030 (51.6)
G
Max
1.590 (40.4)
1.650 (41.9)
1.720 (43.7)
1.750 (44.5)
1.850 (47.0)
1.910 (48.5)
1.970 (50.0)
2.030 (51.6)
2.090 (53.1)
L
Max
1.780 (45.2)
1.940 (49.3)
1.940 (49.3)
2.010 (51.1)
2.060 (52.3)
2.090 (53.1)
2.090 (53.1)
2.240 (56.9)
2.240 (56.9)
M
Max
.837 (21.3)
.887 (22.5)
.887 (22.5)
.987 (25.1)
1.137 (28.9)
1.337 (34.0)
1.337 (34.0)
1.337 (34.0)
1.337 (34.0)
K
Ref
.496 (12.6)
.426 (10.8)
.426 (10.8)
.436 (11.1)
.576 (14.6)
.796 (20.2)
.796 (20.2)
.696 (17.7)
.696 (17.7)
TABLE III ELBOW DIMENSIONS
See inside back cover
fold-out or pages 13 and
14 for unabridged
Tables I and II.
TABLE II: STANDARD FINISHES
See Inside Back Cover
for Additional Finish Options
GLENAIR
SYMBOL
B
M
NF
FINISH
Cadmium Plate, Olive Drab
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
380-105
EMI/RFI Non-Environmental Backshell
with Strain Relief
Type F - Self-Locking - Rotatable Coupling - Split Shell


Similar Part No. - 380SD105M18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380SD106B08 GLENAIR-380SD106B08 Datasheet
345Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380SD106B10 GLENAIR-380SD106B10 Datasheet
345Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380SD106B12 GLENAIR-380SD106B12 Datasheet
345Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380SD106B14 GLENAIR-380SD106B14 Datasheet
345Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380SD106B16 GLENAIR-380SD106B16 Datasheet
345Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
More results

Similar Description - 380SD105M18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AM109B08 GLENAIR-380AM109B08 Datasheet
91Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA014B08 GLENAIR-380AA014B08 Datasheet
156Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC018B08 GLENAIR-380AC018B08 Datasheet
389Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC009B08 GLENAIR-380AC009B08 Datasheet
297Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC111B08 GLENAIR-380AC111B08 Datasheet
354Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com