Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2214TB-E4 Datasheet(PDF) 2 Page - NEC

Part # UPG2214TB-E4
Description  L, S-BAND SPDT SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2214TB-E4 Datasheet(HTML) 2 Page - NEC

  UPG2214TB-E4 Datasheet HTML 1Page - NEC UPG2214TB-E4 Datasheet HTML 2Page - NEC UPG2214TB-E4 Datasheet HTML 3Page - NEC UPG2214TB-E4 Datasheet HTML 4Page - NEC UPG2214TB-E4 Datasheet HTML 5Page - NEC UPG2214TB-E4 Datasheet HTML 6Page - NEC UPG2214TB-E4 Datasheet HTML 7Page - NEC UPG2214TB-E4 Datasheet HTML 8Page - NEC UPG2214TB-E4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
OUTPUT1
2
GND
3
OUTPUT2
4
Vcont2
5
INPUT
(Top View)
1
2
3
6
5
4
(Bottom View)
6
5
4
1
2
3
(Top View)
1
2
3
6
5
4
6
Vcont1
TRUTH TABLE
Vcont1
Vcont2
INPUT
−OUTPUT1
INPUT
−OUTPUT2
Low
High
ON
OFF
High
Low
OFF
ON
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Switch Control Voltage
Vcont
+6.0
Note
V
Input Power
Pin
+30
dBm
Operating Ambient Temperature
TA
−45 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Note
Vcont1
− Vcont2 ≤ 6.0 V
RECOMMENDED OPERATING RANGE (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Switch Control Voltage (H)
Vcont (H)
1.8
3.0
5.3
V
Switch Control Voltage (L)
Vcont (L)
−0.2
0
0.2
V
Data Sheet PG10477EJ03V0DS
2
µPG2214TB


Similar Part No. - UPG2214TB-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2214TB-E4 RENESAS-UPG2214TB-E4 Datasheet
143Kb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
California Eastern Labs
UPG2214TB-E4 CEL-UPG2214TB-E4 Datasheet
2Mb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
logo
NEC
UPG2214TB-E4-A NEC-UPG2214TB-E4-A Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2214TB-E4-A RENESAS-UPG2214TB-E4-A Datasheet
2Mb / 14P
   GaAs Integrated Circuit for L, S-Band SPDT Switch
More results

Similar Description - UPG2214TB-E4

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com