Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2053K-E3 Datasheet(PDF) 7 Page - NEC

Part # UPG2053K-E3
Description  GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2053K-E3 Datasheet(HTML) 7 Page - NEC

Back Button UPG2053K-E3 Datasheet HTML 3Page - NEC UPG2053K-E3 Datasheet HTML 4Page - NEC UPG2053K-E3 Datasheet HTML 5Page - NEC UPG2053K-E3 Datasheet HTML 6Page - NEC UPG2053K-E3 Datasheet HTML 7Page - NEC UPG2053K-E3 Datasheet HTML 8Page - NEC UPG2053K-E3 Datasheet HTML 9Page - NEC UPG2053K-E3 Datasheet HTML 10Page - NEC UPG2053K-E3 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
AA
ON CHANNEL MODE
INSERTION LOSS
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 0.95 GHz
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
AA
ON CHANNEL MODE
INSERTION LOSS
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 1.5 GHz
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
AA
ON CHANNEL MODE
INSERTION LOSS
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 2.15 GHz
–30
–35
–45
–50
–55
–60
AA
ON CHANNEL MODE
ISOLATION D/U-RATIO
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 0.95 GHz
–40
–30
–35
–45
–50
–55
–60
AA
ON CHANNEL MODE
ISOLATION D/U-RATIO
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 1.5 GHz
–40
–30
–35
–45
–50
–55
–60
AA
ON CHANNEL MODE
ISOLATION D/U-RATIO
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 2.15 GHz
–40
Remark The graphs indicate nominal characteristics.
Data Sheet PG10503EJ01V0DS
7
µPG2053K


Similar Part No. - UPG2053K-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2053K-E3 RENESAS-UPG2053K-E3 Datasheet
256Kb / 14P
   GaAs INTEGRATED CIRCUIT
2004
More results

Similar Description - UPG2053K-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2054K NEC-UPG2054K Datasheet
144Kb / 14P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
logo
California Eastern Labs
UPG181GR CEL-UPG181GR Datasheet
148Kb / 4P
   GaAs MMIC DBS TWIN IF SWITCH
logo
NEC
UPG183GR NEC-UPG183GR Datasheet
55Kb / 3P
   GaAs MMIC DBS 4X2 IF SWITCH
UPG181GR NEC-UPG181GR Datasheet
56Kb / 12P
   GaAs MMIC DBS Twin IF Switch
logo
California Eastern Labs
UPG183GR CEL-UPG183GR Datasheet
160Kb / 4P
   GaAs MMIC DBS 4X2 IF SWITCH
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
NEC
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
UPG2050GR NEC-UPG2050GR Datasheet
23Kb / 2P
   GaAs MMIC DBS TWIN IF SWITCH AMLIFIER
logo
Skyworks Solutions Inc.
AS212-93 SKYWORKS-AS212-93 Datasheet
646Kb / 4P
   GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com