Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2179TB Datasheet(PDF) 7 Page - NEC

Part # UPG2179TB
Description  L, S-BAND SPDT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2179TB Datasheet(HTML) 7 Page - NEC

Back Button UPG2179TB_1 Datasheet HTML 3Page - NEC UPG2179TB_1 Datasheet HTML 4Page - NEC UPG2179TB_1 Datasheet HTML 5Page - NEC UPG2179TB_1 Datasheet HTML 6Page - NEC UPG2179TB_1 Datasheet HTML 7Page - NEC UPG2179TB_1 Datasheet HTML 8Page - NEC UPG2179TB_1 Datasheet HTML 9Page - NEC UPG2179TB_1 Datasheet HTML 10Page - NEC UPG2179TB_1 Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
33
13
15
31
29
27
25
23
21
19
17
15 17
19
21 23
25
27
29
31
33
35
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
f = 2.5 GHz
23
25
27
29
31
33
13
15
17
19
21
15
17
19
21
23
25
27
29
31
33 35
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
f = 1.0 GHz
50
10
20
30
40
–10
0
–30
–20
–40
–50
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
OUTPUT RETURN LOSS vs. FREQUENCY
INPUT–OUTPUT1
50
10
20
30
40
–10
0
–30
–20
–40
–50
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
OUTPUT RETURN LOSS vs. FREQUENCY
INPUT–OUTPUT2
Remark The graphs indicate nominal characteristics.
Data Sheet PG10454EJ02V0DS
7
µPG2179TB


Similar Part No. - UPG2179TB_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2179TB-E4 RENESAS-UPG2179TB-E4 Datasheet
298Kb / 13P
   GaAs INTEGRATED CIRCUIT
2004
logo
NEC
UPG2179TB-E4-A NEC-UPG2179TB-E4-A Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
More results

Similar Description - UPG2179TB_1

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com