Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3215TB Datasheet(PDF) 9 Page - NEC

Part # UPC3215TB
Description  5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3215TB Datasheet(HTML) 9 Page - NEC

Back Button UPC3215TB Datasheet HTML 5Page - NEC UPC3215TB Datasheet HTML 6Page - NEC UPC3215TB Datasheet HTML 7Page - NEC UPC3215TB Datasheet HTML 8Page - NEC UPC3215TB Datasheet HTML 9Page - NEC UPC3215TB Datasheet HTML 10Page - NEC UPC3215TB Datasheet HTML 11Page - NEC UPC3215TB Datasheet HTML 12Page - NEC UPC3215TB Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet P14765EJ2V0DS00
9
µµµµPC3215TB
OUTPUT POWER OF EACH TONE vs.
INPUT POWER OF EACH TONE
Input Power of Each Tone Pin(each) (dBm)
+20
–40
–60
–80
–40 –35
–30
0
0
–25
–5
–20
–20
–15
–10
VCC = 5 V
f1 = 1 000 MHz
f2 = 1 001 MHz
OUTPUT POWER OF EACH TONE vs.
INPUT POWER OF EACH TONE
Input Power of Each Tone Pin(each) (dBm)
+20
–40
–60
–80
–40 –35
–30
0
0
–25
–5
–20
–20
–15
–10
VCC = 5 V
f1 = 1 500 MHz
f2 = 1 501 MHz
OUTPUT POWER OF EACH TONE vs.
INPUT POWER OF EACH TONE
Input Power of Each Tone Pin(each) (dBm)
+20
–40
–60
–80
–40 –35
–30
0
0
–25
–5
–20
–20
–15
–10
VCC = 5 V
f1 = 2 150 MHz
f2 = 2 151 MHz
OUTPUT POWER OF EACH TONE vs.
INPUT POWER OF EACH TONE
Input Power of Each Tone Pin(each) (dBm)
+20
–40
–60
–80
–40 –35
–30
0
0
–25
–5
–20
–20
–15
–10
VCC = 5 V
f1 = 2 400 MHz
f2 = 2 401 MHz
Remark
The graphs indicate nominal characteristics.


Similar Part No. - UPC3215TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC3215TB CEL-UPC3215TB Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC3215TB RENESAS-UPC3215TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
NEC
UPC3215TB-E3 NEC-UPC3215TB-E3 Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC3215TB-E3-A CEL-UPC3215TB-E3-A Datasheet
661Kb / 7P
   5V, SUPER MINIMOLD SI MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC3215TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com