Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2771TB-E3 Datasheet(PDF) 7 Page - NEC

Part # UPC2771TB-E3
Description  3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2771TB-E3 Datasheet(HTML) 7 Page - NEC

Back Button UPC2771TB-E3 Datasheet HTML 3Page - NEC UPC2771TB-E3 Datasheet HTML 4Page - NEC UPC2771TB-E3 Datasheet HTML 5Page - NEC UPC2771TB-E3 Datasheet HTML 6Page - NEC UPC2771TB-E3 Datasheet HTML 7Page - NEC UPC2771TB-E3 Datasheet HTML 8Page - NEC UPC2771TB-E3 Datasheet HTML 9Page - NEC UPC2771TB-E3 Datasheet HTML 10Page - NEC UPC2771TB-E3 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet P12710EJ3V0DS
7
µµµµPC2762TB, µµµµPC2763TB, µµµµPC2771TB
STANDARD CHARACTERISTICS FOR REFERENCE
(Unless otherwise specified, TA = +25°C, V CC = Vout = 3.0 V, ZS = ZL = 50
Ω)
µµµµPC2762TB, µµµµPC2763TB
Reference
µPC2762TB
µPC2763TB
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Unit
Saturated
Output Power
PO (sat)
f = 0.9 GHz
f = 1.9 GHz
+9.0
+8.5
+11.0
+8.0
dBm
Adjacent Channel
Power
Padj
f = 0.9 GHz
π/4 QPSK waveNote
PO = +4 dBm
∆f = ±50 kHz
∆f = ±100 kHz
−64
−64
−61
−62
dBc
3rd Order
Intermodulation
IM3
2 sine wave input.
Output of each tone
f1 = 0.900 GHz
f2 = 0.902 GHz
−−16
−−
−27
dBc
Distortion
PO (each) = +4 dBm
f1 = 1.900 GHz
f2 = 1.902 GHz
−−10
−−
−14
dBc
Note
π/4 DQPSK modulated wave input, data rate 42 kbps, Filter roll off
α = 0.5, PN 9
µµµµPC2771TB
Reference
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Adjacent Channel
Power 1
Padj1
f = 0.9 GHz
π/4 QPSK waveNote
PO = +7 dBm
∆f = ±50 kHz
∆f = ±100 kHz
−61
−72
dBc
Adjacent Channel
Power 2
Padj2
f = 1.5 GHz
π/4 QPSK waveNote
PO = +7 dBm
∆f = ±50 kHz
∆f = ±100 kHz
−59
−71
dBc
3rd Order
Intermodulation
IM3
2 sine wave input.
Output of each tone
f1 = 0.900 GHz
f2 = 0.902 GHz
−−18
dBc
Distortion
PO (each) = +7 dBm
f1 = 1.500 GHz
f2 = 1.502 GHz
−−12
dBc
Note
π/4 DQPSK modulated wave input, data rate 42 kbps, Filter roll off
α = 0.5, PN 9


Similar Part No. - UPC2771TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2771TB-E3 NEC-UPC2771TB-E3 Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2771TB-E3 RENESAS-UPC2771TB-E3 Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
logo
California Eastern Labs
UPC2771TB-E3-A CEL-UPC2771TB-E3-A Datasheet
188Kb / 7P
   3V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
More results

Similar Description - UPC2771TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
UPC8182TB NEC-UPC8182TB Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com