Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2711TB Datasheet(PDF) 10 Page - NEC

Part # UPC2711TB
Description  5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2711TB Datasheet(HTML) 10 Page - NEC

Back Button UPC2711TB_1 Datasheet HTML 6Page - NEC UPC2711TB_1 Datasheet HTML 7Page - NEC UPC2711TB_1 Datasheet HTML 8Page - NEC UPC2711TB_1 Datasheet HTML 9Page - NEC UPC2711TB_1 Datasheet HTML 10Page - NEC UPC2711TB_1 Datasheet HTML 11Page - NEC UPC2711TB_1 Datasheet HTML 12Page - NEC UPC2711TB_1 Datasheet HTML 13Page - NEC UPC2711TB_1 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet P11510EJ3V0DS00
10
µµµµPC2711TB, µµµµPC2712TB
TYPICAL S-PARAMETER VALUES (TA = +25
°°°°C)
µPC2711TB
VCC = 5.0 V, ICC = 13.8 mA
FREQUENCY
S11
S21
S12
S22
K
MHz
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
100.0000
0.085
−22.4
4.447
−14.9
0.035
−12.7
0.113
−3.1
3.18
200.0000
0.086
−25.0
4.468
−30.1
0.035
−23.0
0.119
1.2
3.21
300.0000
0.098
−29.2
4.491
−44.9
0.034
−32.1
0.136
1.6
3.23
400.0000
0.081
−29.4
4.510
−60.3
0.033
−42.5
0.142
6.5
3.34
500.0000
0.066
−33.9
4.540
−74.9
0.033
−50.1
0.156
10.1
3.32
600.0000
0.041
−54.5
4.572
−90.2
0.033
−59.6
0.161
12.7
3.34
700.0000
0.053
−104.3
4.624
−105.3
0.032
−69.3
0.161
8.8
3.33
800.0000
0.070
−119.7
4.664
−120.7
0.031
−78.4
0.176
6.2
3.36
900.0000
0.098
−121.9
4.729
−136.1
0.032
−86.6
0.192
1.9
3.27
1000.0000
0.101
−112.5
4.781
−152.0
0.031
−94.9
0.228
0.1
3.29
1100.0000
0.090
−108.5
4.843
−167.9
0.031
−103.9
0.256
−0.6
3.15
1200.0000
0.060
−95.6
4.945
175.8
0.029
−111.0
0.290
−1.1
3.24
1300.0000
0.019
−79.2
4.999
159.5
0.029
−120.2
0.308
−0.3
3.16
1400.0000
0.023
54.8
5.062
143.0
0.028
−128.9
0.322
−1.4
3.18
1500.0000
0.062
80.7
5.114
126.4
0.029
−133.1
0.327
−2.2
3.08
1600.0000
0.087
80.4
5.142
109.5
0.029
−140.9
0.333
−4.8
3.07
1700.0000
0.113
78.7
5.160
92.7
0.029
−146.2
0.344
−7.0
3.02
1800.0000
0.126
72.0
5.146
75.4
0.030
−151.4
0.356
−9.7
2.88
1900.0000
0.154
63.5
5.123
58.0
0.032
−159.7
0.371
−11.1
2.70
2000.0000
0.178
59.0
5.113
41.3
0.035
−168.3
0.378
−12.0
2.51
2100.0000
0.212
54.2
5.063
24.0
0.036
−175.7
0.383
−12.8
2.39
2200.0000
0.232
55.2
5.006
6.9
0.038
175.2
0.378
−13.6
2.27
2300.0000
0.246
53.8
4.954
−10.4
0.041
165.2
0.367
−16.1
2.13
2400.0000
0.248
53.6
4.865
−27.7
0.045
155.3
0.359
−18.0
1.99
2500.0000
0.240
49.2
4.783
−45.0
0.048
143.6
0.356
−21.1
1.88
2600.0000
0.238
43.7
4.664
−62.3
0.049
131.2
0.359
−23.6
1.85
2700.0000
0.240
36.2
4.529
−79.6
0.052
119.8
0.366
−26.2
1.76
2800.0000
0.262
31.7
4.384
−96.6
0.054
108.7
0.374
−28.6
1.72
2900.0000
0.285
28.8
4.255
−113.1
0.056
95.5
0.372
−31.1
1.68
3000.0000
0.316
29.7
4.117
−129.6
0.057
83.6
0.361
−35.0
1.69


Similar Part No. - UPC2711TB_1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711TB-E3 NEC-UPC2711TB-E3 Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB-E3 CEL-UPC2711TB-E3 Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB-E3-A CEL-UPC2711TB-E3-A Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2711TB_1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com