Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11345BMCB Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11345BMCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11345BMCB Datasheet(HTML) 1 Page - TOKO, Inc

  TK11345BMCB Datasheet HTML 1Page - TOKO, Inc TK11345BMCB Datasheet HTML 2Page - TOKO, Inc TK11345BMCB Datasheet HTML 3Page - TOKO, Inc TK11345BMCB Datasheet HTML 4Page - TOKO, Inc TK11345BMCB Datasheet HTML 5Page - TOKO, Inc TK11345BMCB Datasheet HTML 6Page - TOKO, Inc TK11345BMCB Datasheet HTML 7Page - TOKO, Inc TK11345BMCB Datasheet HTML 8Page - TOKO, Inc TK11345BMCB Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May, 1997 TOKO, Inc.
Page 1
TK113xxB
VOLTAGE REGULATOR WITH ON/OFF SWITCH
FEATURES
s High Voltage Precision at
± 2.0%
s Active Low On/Off Control
s Very Low Dropout Voltage 80 mV at 30 mA
s Very Low Noise
s Very Small SOT-23L or SOT-89-5 Surface Mount
Packages
s Internal Thermal Shutdown
s Short Circuit Protection
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
TK113
B
Voltage Code
Package Code
Tape/Reel Code
PACKAGE CODE
M: SOT-23L
U: SOT-89-5
ORDERING INFORMATION
VOLTAGE CODE
20 = 2.0 V
21 = 2.1 V
22 = 2.2 V
23 = 2.3 V
24 = 2.4 V
25 = 2.5 V
26 = 2.6 V
27 = 2.7 V
28 = 2.8 V
29 = 2.9 V
30 = 3.0 V
31 = 3.1 V
32 = 3.2 V
33 = 3.3 V
34 = 3.4 V
35 = 3.5 V
36 = 3.6 V
37 = 3.7 V
38 = 3.8 V
39 = 3.9 V
40 = 4.0 V
41 = 4.1 V
42 = 4.2 V
43 = 4.3 V
44 = 4.4 V
45 = 4.5 V
46 = 4.6 V
47 = 4.7 V
48 = 4.8 V
49 = 4.9 V
50 = 5.0 V
55 = 5.5 V
60 = 6.0 V
80 = 8.0 V
C
TAPE/REEL CODE
L : Tape Left
(SOT-23L)
B : Tape Bottom
(SOT-89-5)
BLOCK DIAGRAM
S
S
S
S
S
S
S
S
S
S
VOUT
+
BANDGAP
REFERENCE
THERMAL
PROTECTION
+
S
S
S
VIN
CONTROL
S
S
GND
S
S
S
S
NOISE BYPASS
TK113XXB
20Q
1
3
CONTROL
GND
6
4
VIN
V
OUT
2
5
GND
NOISE
BYPASS
1
3
6
4
2
5
VOUT
GND
NOISE
BYPASS
GND
CONTROL
VIN
DESCRIPTION
The TK113xxB is a low dropout linear regulator with a built-
in electronic switch. The device is in the ON state when the
control pin is pulled to a low level. An external capacitor can
be connected to the noise bypass pin to lower the output
noise level to 30
µVrms.
An internal PNP pass transistor is used to achieve a low
dropout voltage of 80 mV (typ.) at 30 mA load current. The
TK113xxB has a very low quiescent current of 170
µA at no
load and 1 mA with a 30 mA load. The standby current is
typically 100 nA. The internal thermal shutdown circuitry
limits the junction temperature to below 150
°C. The load
current is internally monitored and the device will shutdown
in the presence of a short circuit or overcurrent condition at
the output.
The TK113xxB is available in either 6 pin SOT-23L or 5 pin
SOT-89-5 surface mount packages.


Similar Part No. - TK11345BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11345BMCB TOKO-TK11345BMCB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11345BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com