Electronic Components Datasheet Search |
|
TK71534S Datasheet(PDF) 1 Page - TOKO, Inc |
|
TK71534S Datasheet(HTML) 1 Page - TOKO, Inc |
1 / 13 page January 1999 TOKO, Inc. Page 1 TK715xx GND VIN VOUT THERMAL PROTECTION + - + - BANDGAP REFERENCE FEATURES s High Voltage Precision at ± 2.0% or ± 60 mV s Very Low Quiescent Current s Very Low Dropout Voltage s Reverse Bias Protection s Miniature Package (SOT-23-3) s Short Circuit Protection s High Ripple Rejection APPLICATIONS s Battery Powered Systems s Cellular Telephones s Pagers s Personal Communications Equipment s Portable Instrumentation s Portable Consumer Equipment s Radio Control Systems s Toys s Low Voltage Systems BLOCK DIAGRAM TK715xxS GND VOUT VIN DESCRIPTION The TK715xx is a low dropout linear regulator housed in a small SOT-23-3 package, rated at 350 mW. An internal PNP transistor is used to achieve a low dropout voltage of 105 mV (typ.) at 50 mA load current. This device offers high precision output voltage of ± 2.0 % or ± 60 mV. The TK715xx has a very low quiescent current of 25 µA (typ.) at no load. The low quiescent current and dropout voltage make this part ideal for battery powered applications. The internal reverse bias protection eliminates the requirement for a reverse voltage protection diode, saving cost and board space. The high 64 dB ripple rejection and low noise provide enhanced performance for critical applications. TK715 SCL ORDERING INFORMATION VOLTAGE CODE 19 = 1.9 V 37 = 3.7 V 20 = 2.0 V 38 = 3.8 V 21 = 2.1 V 39 = 3.9 V 22 = 2.2 V 40 = 4.0 V 23 = 2.3 V 41 = 4.1 V 24 = 2.4 V 42 = 4.2 V 25 = 2.5 V 43 = 4.3 V 26 = 2.6 V 44 = 4.4 V 27 = 2.7 V 45 = 4.5 V 28 = 2.8 V 46 = 4.6 V 29 = 2.9 V 47 = 4.7 V 30 = 3.0 V 48 = 4.8 V 31 = 3.1 V 49 = 4.9 V 32 = 3.2 V 50 = 5.0 V 33 = 3.3 V 60 = 6.0 V 34 = 3.4 V 70 = 7.0 V 35 = 3.5 V 80 = 8.0 V 36 = 3.6 V 90 = 9.0 V Voltage Code Tape/ Reel Code Temp. Code Package Code TAPE/REEL CODE L: Tape Left TEMPERATURE CODE C -30 to +80 C PACKAGE CODE S : SOT-23-3 20P LOW DROPOUT VOLTAGE REGULATOR |
Similar Part No. - TK71534S |
|
Similar Description - TK71534S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |