Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11342BMCB Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK11342BMCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11342BMCB Datasheet(HTML) 5 Page - TOKO, Inc

  TK11342BMCB Datasheet HTML 1Page - TOKO, Inc TK11342BMCB Datasheet HTML 2Page - TOKO, Inc TK11342BMCB Datasheet HTML 3Page - TOKO, Inc TK11342BMCB Datasheet HTML 4Page - TOKO, Inc TK11342BMCB Datasheet HTML 5Page - TOKO, Inc TK11342BMCB Datasheet HTML 6Page - TOKO, Inc TK11342BMCB Datasheet HTML 7Page - TOKO, Inc TK11342BMCB Datasheet HTML 8Page - TOKO, Inc TK11342BMCB Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
May, 1997 TOKO, Inc.
Page 5
TK113xxB
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C unless otherwise specified
OUTPUT CURRENT vs.
QUIESCENT CURRENT
0
200
IO (mA)
0
2
4
6
8
10
100
VIN vs. QUIESCENT CURRENT
(OFF MODE)
020
VCC (V)
0
50
100
10
QUIESCENT CURRENT
-50
100
0
2
1
050
IO = 60 mA
IO = 30 mA
TA (°C)
DROPOUT VOLTAGE
-50
100
0
100
050
IO = 60 mA
IO = 30 mA
200
300
400
500
IO = 150 mA
TA (°C)
CONTROL CURRENT
-50
100
0
10
050
VCONT = 5 V
VCONT = 1.8 V
20
30
40
50
TA (°C)
VCONT (VOUT, ON POINT)
-50
100
0
050
RC = 0 V
1.0
2.0
TA (°C)
VIN vs. QUIESCENT CURRENT
(ON MODE)
05
0
IO = 0 mA
0.5
1.0
2.5
VO = 1.3 to 1.8 V
VO
VO = 1.9 V
VIN (V)
REVERSE BIAS CURRENT
(VIN = 0 V)
020
VREV (V)
0
100
200
300
400
500
10
2.0 V
1.3 V
1.9 V
VIN vs. QUIESCENT CURRENT
(ON MODE)
010
0
IO = 0 mA
1
2
5
VO = 1.3 to 1.8 V
VO =
VIN (V )
2 V
3 V
4 V
5 V


Similar Part No. - TK11342BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11342BMCB TOKO-TK11342BMCB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11342BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com