Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

387HS083XW21 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 387HS083XW21
Description  Composite Multi-Shield Cone and Ring Style
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

387HS083XW21 Datasheet(HTML) 2 Page - Glenair, Inc.

  387HS083XW21 Datasheet HTML 1Page - Glenair, Inc. 387HS083XW21 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-59
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
387-083
Composite Multi-Shield Cone and Ring Style
EMI/RFI Shield Termination Backshell
with Self-Locking Rotatable Coupling and Strain Relief
TABLE II: SHELL SIZE
Shell
Size
Shell Size
Code
A Thread
ISO Metric
B Max
C
±
.078 (2.0)
D
±
.078 (2.0)
Max Available
Entry
09
A
M12x 1-6H
.94 (23.9)
.722 (18.3)
1.750 (44.4)
04
11
B
M15x 1-6H
1.06 (26.9)
.784 (19.9)
1.820 (46.2)
06
13
C
M18x 1-6H
1.17 (29.7)
.816 (20.7)
1.860 (47.2)
08
15
D
M22x 1-6H
1.29 (32.8)
.878 (22.3)
1.880 (47.8)
10
17
E
M25x 1-6H
1.42 (36.1)
.942 (23.9)
1.942 (49.3)
12
19
F
M28x 1-6H
1.54 (39.1)
1.003 (25.5)
2.000 (50.8)
14
21
G
M31x 1-6H
1.67 (42.4)
1.037 (26.3)
2.062 (52.4)
16
23
H
M34x 1-6H
2.01 (51.1)
1.116 (28.3)
2.194 (55.7)
17
25
J
M37x 1-6H
2.12 (53.8)
1.194 (30.3)
2.257 (57.3)
20
TABLE IV: CABLE ENTRY
Dash
Number
E Max
Cable Entry
±
.039 (1.0)
04
1.125 (28.6)
.312 (7.9)
06
1.250 (31.8)
.437 (11.1)
08
1.312 (33.3)
.500 (12.7)
10
1.438 (36.5)
.625 (15.9)
12
1.625 (41.3)
.750 (19.1)
14
1.688 (42.9)
.874 (22.2)
16
1.750 (44.5)
.937 (23.8)
17
1.906 (48.5)
1.094 (27.8)
20
2.062 (52.4)
1.250 (31.8)
BACKSHELL WEIGHT
Symbol "S" Straight Weight Table
Symbol "W" 90° Weight Table
Shell
Size
Dash
Number
Max Weight
(KG)
Shell
Size
Dash
Number
Max Weight
(KG)
09
04
.0296
09
04
.0326
11
06
.0327
11
06
.0360
13
08
.0370
13
08
.0420
15
10
.0430
15
10
.0480
17
12
.0500
17
12
.0550
19
12
.0560
19
12
.0610
21
16
.0640
21
16
.0690
23
16
.0700
23
16
.0750
25
20
.0750
25
20
.0800
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion
Resistant Electroless
Nickel
XMT
2000 Hour Corrosion
Resistant Ni-PTFE,
Nickel-Fluorocarbon
Polymer. 1000 Hour
GreyTM
XW
2000 Hour Corrosion
Resistant Cadmium/
Olive Drab over
Electroless Nickel


Similar Part No. - 387HS083XW21

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
387-006-520-101 EDAC-387-006-520-101 Datasheet
290Kb / 4P
   387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-101 EDAC-387-006-520-101 Datasheet
137Kb / 3P
   387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-102 EDAC-387-006-520-102 Datasheet
290Kb / 4P
   387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-102 EDAC-387-006-520-102 Datasheet
138Kb / 3P
   387 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
387-006-520-103 EDAC-387-006-520-103 Datasheet
290Kb / 4P
   387 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results

Similar Description - 387HS083XW21

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
   Composite Cone and Ring Style
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
390AS052XM08 GLENAIR-390AS052XM08 Datasheet
371Kb / 2P
   Composite Cone and Ring Style EMI/RFI Environmental Shield Termination Backshell
logo
TE Connectivity Ltd
C-P40352 TEC-C-P40352 Datasheet
156Kb / 2P
   SHIELD TERMINATION SPLIT SUPPORT RING, COMPOSITE
logo
Glenair, Inc.
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
   Composite Shield Sock Strain Relief
380FS131XM08 GLENAIR-380FS131XM08 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
380FS130XM08 GLENAIR-380FS130XM08 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
410-003-02 GLENAIR-410-003-02 Datasheet
29Kb / 1P
   TAG Ring Shield Termination
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
   Composite EMI/RFI Single Shield Termination Conduit Fitting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com