Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11340BMCB Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK11340BMCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11340BMCB Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK11340BMCB Datasheet HTML 5Page - TOKO, Inc TK11340BMCB Datasheet HTML 6Page - TOKO, Inc TK11340BMCB Datasheet HTML 7Page - TOKO, Inc TK11340BMCB Datasheet HTML 8Page - TOKO, Inc TK11340BMCB Datasheet HTML 9Page - TOKO, Inc TK11340BMCB Datasheet HTML 10Page - TOKO, Inc TK11340BMCB Datasheet HTML 11Page - TOKO, Inc TK11340BMCB Datasheet HTML 12Page - TOKO, Inc TK11340BMCB Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
May, 1997 TOKO, Inc.
Page 11
TK113xxB
PACKAGE POWER DISSIPATION (P
D)
This is the power dissipation level at which the thermal sensor is activated. The IC contains an internal thermal sensor
which monitors the junction temperature. When the junction temperature exceeds the monitor threshold of 150
°C, the
IC is shutdown. The junction temperature rises as the difference between the input power (V
IN X IIN) and the output power
(V
OUT X IOUT) increases. The rate of temperature rise is greatly affected by the mounting pad configuration on the PCB,
the board material, and the ambient temperature. When the IC mounting has good thermal conductivity, the junction
temperature will be low even if the power dissipation is great. When mounted on the recommended mounting pad, the
power dissipation of the SOT-23L is increased to 600 mW. For operation at ambient temperatures over 25
°C, the power
dissipation of the SOT-23L device should be derated at 4.8 mW/
°C. The power dissipation of the SOT-89-5 package is
900 mW when mounted as recommended. Derate the power dissipation at 7.2 mW/
°C for operation above 25 °C. To
determine the power dissipation for shutdown when mounted, attach the device on the actual PCB and deliberately
increase the output current (or raise the input voltage) until the thermal protection circuit is activated. Calculate the power
dissipation of the device by subtracting the output power from the input power. These measurements should allow for the
ambient temperature of the PCB. The value obtained from PD/(150
°C - T
A) is the derating factor. The PCB mounting
pad should provide maximum thermal conductivity in order to maintain low device temperatures. As a general rule, the
lower the temperature, the better the reliability of the device. The Thermal resistance when mounted is expressed as
follows:
T
J = 0JA X PD + TA
For Toko ICs, the internal limit for junction temperature is 150
°C. If the ambient temperature, T
A is 25 °C, then:
150
°C = 0
JA X PD + 25 °C
0
JA X PD = 125 °C
0
JA = 125 °C/ PD
P
D is the value when the thermal sensor is activated. A simple way to determine PD is to calculate VIN X IIN when the output
side is shorted. Input current gradually falls as temperature rises. You should use the value when thermal equilibrium is
reached.
The range of currents usable can also be found from the graph below.
Procedure:
1.) Find P
D
2.) P
D1 is taken to be PD X (≈0.8 ~ 0.9)
3.) Plot P
D1 against 25 °C
4.) Connect P
D1 to the point corresponding to the 150 °C with a straight line.
5.) In design, take a vertical line from the maximum operating temperature (e.g. 75
°C) to the derating curve.
6.) Read off the value of P
D against the point at which the vertical line intersects the derating curve. This is taken as the
maximum power dissipation, D
PD.
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
PD
Dpd
25
50
75
150
(mW)
T (°C)
3
6
5
4


Similar Part No. - TK11340BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11340BMCB TOKO-TK11340BMCB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11340BMCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com