Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA245-450 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA245-450
Description  SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA245-450 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA245-450 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Schematic
VOH
High-Level Output Voltage
VCC = min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC = min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
50
µA
VCC = max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC = max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
150
mA
ICCL Low-Level Supply Current
VCC = max. VIN = 0
150
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC = max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC = max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
±5% or ±2 nS†
Tap Delays
44
45
47
50
55
60
65
70
75
80
85
90
95
100
Total Delays
±5% or ±2 nS†
440
450
470
500
550
600
650
700
750
800
850
900
950
1000
EPA247-440
EPA247-450
EPA247-470
EPA247-500
EPA247-550
EPA247-600
EPA247-650
EPA247-700
EPA247-750
EPA247-800
EPA247-850
EPA247-900
EPA247-950
EPA247-1000
Tap Delays
±5% or ±2 nS†
5
6
7.5
10
12.5
15
17.5
20
22.5
25
30
35
40
42
Total Delays
±5% or ±2 nS†
50
60
75
100
125
150
175
200
225
250
300
350
400
420
EPA247-50
EPA247-60
EPA247-75
EPA247-100
EPA247-125
EPA247-150
EPA247-175
EPA247-200
EPA247-225
EPA247-250
EPA247-300
EPA247-350
EPA247-400
EPA247-420
EPA245-440
EPA245-450
EPA245-470
EPA245-500
EPA245-550
EPA245-600
EPA245-650
EPA245-700
EPA245-750
EPA245-800
EPA245-850
EPA245-900
EPA245-950
EPA245-1000
EPA245-50
EPA245-60
EPA245-75
EPA245-100
EPA245-125
EPA245-150
EPA245-175
EPA245-200
EPA245-225
EPA245-250
EPA245-300
EPA245-350
EPA245-400
EPA245-420
†Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Part
Number
Part
Number
Gull-Wing
J-Lead
Part
Number
Part
Number
Gull-Wing
J-Lead
DSA245/7 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
Gull-Wing Package
J-Lead Package
13
3
12
4
11
5
10
6
9
8
1
7
INPUT
OUTPUT
GROUND
14 VCC
.100
PCA
EPA247-50
Date Code
.280
Max.
.780 Max.
.275
Max.
.025
.045
.300
Max.
.02
.310
.055
.100
.03
Suggested Solder
Pad Layout
.300
.100
PCA
EPA245-50
Date Code
.280
Max.
.780 Max.
.250
Max.
.01
Typ.
.400
Max.
.02
.050
.410
.055
.100
.03
Suggested Solder
Pad Layout
.300


Similar Part No. - EPA245-450

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPA240050-P5-SZ CUI-EPA240050-P5-SZ Datasheet
397Kb / 7P
   linear adapter
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
logo
Excelics Semiconductor,...
EPA240B EXCELICS-EPA240B Datasheet
40Kb / 2P
   High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
   High Efficiency Heterojunction Power FET
More results

Similar Description - EPA245-450

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA247-50 PCA-EPA247-50 Datasheet
24Kb / 1P
   SMD 14 Pin 10 Tap TTL Compatible Active Delay Lines
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-XX PCA-EPA2720-XX_15 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA424-25 PCA-EPA424-25 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA424 PCA-EPA424_15 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
logo
Rhombus Industries Inc.
D2TZM1-10 RHOMBUS-IND-D2TZM1-10 Datasheet
39Kb / 1P
   14 Pin 10-Tap TTL Buffered Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com