Electronic Components Datasheet Search |
|
TK71580AS Datasheet(PDF) 3 Page - TOKO, Inc |
|
TK71580AS Datasheet(HTML) 3 Page - TOKO, Inc |
3 / 15 page March 2001 TOKO, Inc. Page 3 TK715xxAS ABSOLUTE MAXIMUM RATINGS (V OUT ³ 5.1 V) Supply Voltage ............................................. -0.4 to 19 V Power Dissipation (Note 1) ................................ 400 mW Reverse Bias ............................................................. 8 V Short Circuit Current ........................................... 170 mA Storage Temperature (Ambient) .............. -55 to +150 °C Operating Temperature (Ambient) ............ -30 to +80 °C Max. Operating Temperature (Junction) ............. 125 °C Operating Voltage Range .............................. 1.8 to 18 V Junction Temperature ......................................... 150 °C Lead Soldering Temperature (10 s) ..................... 235 °C TK715xx ELECTRICAL CHARACTERISTICS (V OUT ³ 5.1 V) Test conditions: V IN = VOUT(TYP) + 1V, TA = 25 °C, unless otherwise specified. Note 1: Power dissipation is 400 mW when mounted as recommended. Derate at 3.2 mW/°C for operation above 25 °C. Note 2: Refer to “Definition of Terms.” Note 3: Ripple rejection is measured at V R = 200 mVrms, VIN = VOUT(TYP) + 2 V, IOUT = 10 mA, CL = 2.2 µF, f = 100 Hz. Gen. Note: Parameters with min. or max. values are 100% tested at T A = 25 °C. L O B M Y SR E T E M A R A PS N O I T I D N O C T S E TN I MP Y TX A MS T I N U I Q t n e r r u C t n e c s e i u QI T U O A m 0 =2 30 6A µ I D N G t n e r r u C n i P d n u o r GI T U O A m 5 1 =0 0 30 0 5A µ V T U O e g a t l o V t u p t u OI T U O A m 5 =1 e l b a T e e SV g e R e n i Ln o i t a l u g e R e n i L V N I V = ) P Y T ( T U O o t V 1 + V ) P Y T ( T U O V 8 1 x a M r o V 6 + 32 1V m g e R d a o Ln o i t a l u g e R d a o LI T U O ) 2 e t o N ( , A m 0 0 1 o t 5 =5 30 8V m V P O R D e g a t l o V t u o p o r D I T U O A m 0 5 =5 0 1 . 08 1 . 0V I T U O A m 0 0 1 =0 6 1 . 08 2 . 0V I ) X A M ( T U O t n e r r u C t u p t u O s u o u n i t n o C5 1 15 5 1A m R Rn o i t c e j e R e l p p i R) 3 e t o N (0 6B d ∆V T U O / ∆T t n e i c i f f e o C e r u t a r e p m e TI T U O A m 5 =0 3C ° / m p p |
Similar Part No. - TK71580AS |
|
Similar Description - TK71580AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |