Electronic Components Datasheet Search |
|
TK11220AUTB Datasheet(PDF) 2 Page - TOKO, Inc |
|
TK11220AUTB Datasheet(HTML) 2 Page - TOKO, Inc |
2 / 34 page Page 2 1-4-96 January, 1996 TOKO, Inc. TK112xx A SYMBOL PARAMETER TEST CONDITIONS MIN TYP MAX UNITS I IN Quiescent Current I O = 0 mA, Except ICONT 170 350 µA ISTBY Standby Current VIN = 8 V, at output off 0.1 µA V O Output Voltage I O = 30 mA 1.92 2.00 2.08 V VDROP Dropout Voltage I O = 60 mA 0.16 0.26 V IO = 150 mA 0.29 0.4 V I O Output Current V OUT = 1.7 V 180 240 mA I OR Recommended Output Current 150 mA Line Reg Line Regulation VIN = 3 V → 8 V 3.0 20 mV Load Reg Load Regulation I O = 5 mA → 60 mA (Note 3) 10 50 mV I O = 5 mA → 100 mA 20 100 mV I O = 5 mA → 150 mA 30 160 mV RR Ripple Rejection 100 mV(rms), I O = 10 mA 55 dB ∆V O/∆TA Output Voltage I O = 10 mA 0.2 mV/ °C Temperature Dependency -20 °C ≤ T A ≤ + 75 °C V NO Output Noise Voltage 10 Hz < f < 80 kHz, 30 µV(rms) I O = 30 mA VREF Noise Bypass Terminal Voltage 1.25 V Control Terminal Specification I CONT Control Current Output on, V CONT = 1.8 V 12 30 µA V CONT Control Voltage Output on 1.8 V Output off 0.6 V t r Output Rise Time I O = 30 mA, 0.3 ms V CONT = 0 V → 1.8 V ABSOLUTE MAXIMUM RATINGS Supply Voltage ......................................................... 16 V Power Dissipation SOT-23L (Note 1) ................. 400 mW Power Dissipation SOT-89-5 (Note 2) ................ 800 mW Storage Temperature Range ................... -55 to +150 °C Operating Temperature Range ...................-30 to +80 °C Lead Soldering Temp. (3 sec.) .............................. 230 °C Junction Temperature ........................................... 150 °C TK11220A ELECTRICAL CHARACTERISTICS Test conditions: TA = 25 °C, VIN = 3.0 V, CP = 0.1 µF, unless otherwise specified. Note 1: Power dissipation is 400 mW when mounted as recommended. Derate at 3.2 mW/ °C for T A > 25 °C. Note 2: Power dissipation is 800 mW when mounted as recommended. Derate at 6.4 mW/ °C for T A > 25 °C. Note 3: This is a pulse measurement where T J is constant. The output change due to temperature is not included. |
Similar Part No. - TK11220AUTB |
|
Similar Description - TK11220AUTB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |