Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA1951G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1951G
Description  10Base-T Interface Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1951G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1951G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for SMC 83C795
• Robust construction for reflow processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Transmit : 7 Pole Balanced Low Pass, 100
• Receive : 5 Pole Balanced Low Pass, 100
• 1500 Vrms Isolation
Schematic
EPA1951 & EPA1951G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA1951 & CSA1951G
Rev. L
11/10/03
Insertion Loss
(dB Max.)
1-10 MHz
-1.5/-1
Xmit/Rcv
Return Loss
(dB Typ.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 30 MHz
-10/-10
Xmit/Rcv
@ 40 MHz
-16/-16
Xmit/Rcv
Attenuation
(dB Min.)
@ 25 MHz
-5/-5
Xmit/Rcv
@ 50 MHz
-20/-20
Xmit/Rcv
Transmit Channel
Receive Channel
12
51
LPF
10
9
16
14
11
51
15
LPF
1
2
3
4
5
62
62
261
261
2.4K
2.2M
8
6
2.2M
7
SMD Package
.525
(13.33)
.030
(.762)
0°-8°
.055
(1.40)
Pad
Layout
.560
(14.22)
.030
(.762)
.900
(22.86)
.400
(10.16)
PCA
EPA1951G
Date Code
Pin 1
I.D.
.016/.020
(.406/.508)
.100
(2.54)
.005/.015
(.127/.381)
.440
(11.18)
.700
(17.78)
.100
(2.54)
.008/.012
(.203/.305)
.100 (2.54)
Crosstalk
(dB Min.)
-35
1-10 MHz
Xmit to Rcv
*Cut-Off
Frequency
± 1.0
16.5 MHz
1-500 MHz
38
Xmit
CMRR
(dB Min.)
1-100 MHz
30
Rcv
• *Referenced to Fundamental Frequency @ 5 MHz (Without Internal Resistors) •
DIL Package
.910 Max.
(23.11)
.100
(2.54)
.020
(.508)
.410
Max.
(10.41)
PCA
Date Code
EPA1951
.450
Max.
(11.43)
.120
Min.
(3.05)
Pin 1 I.D.
.300
(7.62)
Leads : .018 x .012
1:1
1:1


Similar Part No. - EPA1951G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA198-6 ETC1-EPA198-6 Datasheet
41Kb / 3P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EPA198-6 PCA-EPA198-6 Datasheet
19Kb / 1P
   14 Pin DIL Triple TTL Compatible Active Delay Lines
EPA198-6 PCA-EPA198-6 Datasheet
19Kb / 1P
   14 Pin DIL Triple TTL Compatible Active Delay Lines
EPA1990A PCA-EPA1990A Datasheet
3Mb / 91P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1990A PCA-EPA1990A Datasheet
21Kb / 1P
   10Base-T Interface Module
More results

Similar Description - EPA1951G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
   10Base-T Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
   10Base-T Interface Module
EPE6381 PCA-EPE6381_09 Datasheet
62Kb / 1P
   10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
   10Base-T Interface Module
EPE6372S PCA-EPE6372S Datasheet
26Kb / 1P
   10Base-T Interface Module
EPE6376S PCA-EPE6376S_09 Datasheet
70Kb / 1P
   10Base-T Interface Module
EPA2013D PCA-EPA2013D Datasheet
26Kb / 1P
   10Base-T Interface Module
EPE6010S PCA-EPE6010S Datasheet
60Kb / 1P
   10Base-T Interface Module
EPE6394 PCA-EPE6394 Datasheet
21Kb / 1P
   10Base-T Interface Module
EPE6166AS PCA-EPE6166AS Datasheet
70Kb / 1P
   10Base-T Interface Module
EPA1533AG PCA-EPA1533AG Datasheet
147Kb / 2P
   10Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com