Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9604-420-RC Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9604-420-RC
Description  5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9604-420-RC Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9604-420-RC Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
5 Tap High Speed CMOS (HCT)
Compatible Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP9604-XX & EP9604-XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS9604-XX & -RC
Rev. C1
12/5/05 RR
Schematic
Package
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
12*
12*
12*
12*
12*
12*
12*
15
20
25
30
35
40
50
60
70
Total Delay
(†±5% or ± 2nS)
32
36
40
44
48
52
60
75
100
125
150
175
200
250
300
350
PCA
Part Number
EP9604-400(-RC)
EP9604-420(-RC)
EP9604-440(-RC)
EP9604-450(-RC)
EP9604-500(-RC)
EP9604-550(-RC)
EP9604-600(-RC)
EP9604-650(-RC)
EP9604-700(-RC)
EP9604-750(-RC)
EP9604-800(-RC)
EP9604-850(-RC)
EP9604-900(-RC)
EP9604-950(-RC)
EP9604-1000(-RC)
Tap Delays
(†±5% or ± 2nS)
Total Delay
(†±5% or ± 2nS)
400
420
440
450
500
550
600
650
700
750
800
850
900
950
1000
PCA
Part Number
EP9604-32(-RC)
EP9604-36(-RC)
EP9604-40(-RC)
EP9604-44(-RC)
EP9604-48(-RC)
EP9604-52(-RC)
EP9604-60(-RC)
EP9604-75(-RC)
EP9604-100(-RC)
EP9604-125(-RC)
EP9604-150(-RC)
EP9604-175(-RC)
EP9604-200(-RC)
EP9604-250(-RC)
EP9604-300(-RC)
EP9604-350(-RC)
†Whichever is greater. *Inherent Delay • Delay times referenced from input to leading edges at 25°C, 5.0V.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 500 nS
Pulse Repetition Rate @ Td > 500 nS
VCC Supply Voltage
3.2
150
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
Notes :
2. Peak Solder Rating
(per JEDEC22-B102D)
4. Weight
3. Moisture Sensitive Levels (MSL)
(per JEDEC22-B102D)
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
5. Packaging Information
(Tube)
EP9604-XX-RC
260°C
TBD grams
4
(72 hours,
≤30°C/60%RH)
SnPb
(RoHS exemption 7a)
Sn
27 pieces/tube
EP9604-XX
260°C
TBD grams
3
(168 hours,
≤30°C/60%RH)
SnPb
SnPb
27 pieces/tube
17
18
19
20
21
22
24
30
40
50
60
70
80
100
120
140
22
24
26
28
30
32
36
45
60
75
90
105
120
150
180
210
27
30
33
36
39
42
48
60
80
100
120
140
160
200
240
280
80
84
88
90
100
110
120
130
140
150
160
170
180
190
200
160
168
176
180
200
220
240
260
280
300
320
340
360
380
400
240
252
264
270
300
330
360
390
420
450
480
510
540
570
600
320
336
352
360
400
440
480
520
560
600
640
680
720
760
800
DC Electrical Characteristics
Parameter
Test Conditions
Unit
VIH
High Level Input Voltage
VCC = 4.5 to 5.5
Volt
VIL
Low Level Input Voltage
VCC = 4.5 to 5.5
Volt
VOH High Level Output Voltage
VCC = 4.5V,I O= -4.0mA
Volt
@ V IH or VIL
VOL
Low Level Output Voltage
VCC = 4.5V,I O = 4.0mA
Volt
@ V IH or VIL
I L
Input Leakage Current
VCC = 5.5V @ V IH or V IL
uA
I CCL Supply Current
VCC = 5.5V, V IN = 0
mA
TRO
Output Rise Time
≤550 nS (.75 - 2.4 Volts)
nS
NH
High Fanout
LSTTL Load
VCC = 5.5V, V OH = 4.0V
Min.
2.0
4.0
10
>550 nS
Max.
0.8
0.3
±1.0
15
4
5
nS
Recommended Operating Conditions Min.
Max.
Unit
*These two values are inter-dependent.
VCC DC Supply Voltage
VI
DC Input Voltage Range
VO
DC Output Voltage Range
PW* Pulse Width % of Total Delay
D*
Duty Cycle
TA
Operating Free Air Temperature
I O
DC Output Source/Sink Current
4.5
0
0
40
-40
5.5
V CC
V CC
40
+85
25
Volt
Volt
Volt
%
%
°C
mA
.780 Max.
(19.81)
PCA
EP9604-XX(-RC)
Date Code
.010
(.254)
.150 (3.81)
.020 Min.
(.508)
.280 Max.
(7.11)
.250 Max.
(6.35)
.020 Typ.
(.508)
White Dot
Pin#1
.100
(2.54)
.300
(7.62)
.200
(5.08)
.365 Max.
(9.27)


Similar Part No. - EP9604-420-RC

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9604-420(-RC) PCA-EP9604-420(-RC) Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
More results

Similar Description - EP9604-420-RC

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9604G-32 PCA-EP9604G-32 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604 PCA-EP9604_15 Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604G PCA-EP9604G_15 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA1130-32 PCA-EPA1130-32 Datasheet
23Kb / 1P
   8 Pin 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA220-32 PCA-EPA220-32 Datasheet
19Kb / 1P
   14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA540-48 PCA-EPA540-48 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap High Speed CMOS(HCT) Compatible Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP8700 PCA-EP8700 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com