Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71550AS Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK71550AS
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71550AS Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK71550AS Datasheet HTML 7Page - TOKO, Inc TK71550AS Datasheet HTML 8Page - TOKO, Inc TK71550AS Datasheet HTML 9Page - TOKO, Inc TK71550AS Datasheet HTML 10Page - TOKO, Inc TK71550AS Datasheet HTML 11Page - TOKO, Inc TK71550AS Datasheet HTML 12Page - TOKO, Inc TK71550AS Datasheet HTML 13Page - TOKO, Inc TK71550AS Datasheet HTML 14Page - TOKO, Inc TK71550AS Datasheet HTML 15Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
March 2001 TOKO, Inc.
Page 11
TK715xxAS
APPLICATION INFORMATION (CONT)
INPUT-OUTPUT CAPACITORS (CONT)
OUTPUT NOISE IMPROVEMENT
An RC filter can be added to the output stage of the regulator to reduce output noise when the input voltage is high and
the output current only makes small changes. Select a regulator with a slightly higher output voltage because the final
output voltage will be reduced by the RC filter. If the output current does make a large change, the output voltage will
change. The following table shows output noise, and output voltage for various values of R
OUT and COUT using a 3.5 V
device.
V
IN = 4.0 V, CIN = 10 mF (aluminum electrolytic), COUT = (see table), ROUT = (see table)
RIPPLE REJECTION RATIO
An RC filter can be added to the input stage of the regulator to increase the ripple rejection when the input voltage is high.
Even if the resulting difference between V
IN at the regulator (after the RC filter) and VOUT is small the TK71533AS will
output a stable voltage. The voltage dropped across the RC filter depends on the value of the input ripple noise. Select
the value of R
IN such that the lowest value of VIN plus the ripple noise after the RC filter (peak to peak) is the output voltage
plus 0.2 V.
N
O
I
T
I
D
N
O
C
T
N
E
M
E
R
U
S
A
E
MC
(
R
O
T
I
C
A
P
A
C
E
D
I
S
T
U
P
T
U
O
T
U
O
)S
T
I
N
U
I
T
U
O
R
T
U
O
V
T
U
O
F
µ
0
1F
µ
7
4F
µ
0
0
1F
µC
T
U
O
I
T
U
O
A
m
0
4
-
0
2
=0
V
0
0
5
.
3V
µ
0
1
2V
µ
0
5
1V
µ
0
3
1S
M
R
E
S
I
O
N
A
m
0
20
1
W
V
6
9
2
.
3V
µ
6
7V
µ
0
5V
µ
0
4S
M
R
A
m
0
38
.
6
W
V
7
8
2
.
3V
µ
8
8V
µ
5
5V
µ
8
4S
M
R
A
m
0
41
.
5
W
V
6
6
2
.
3V
µ
0
0
1V
µ
0
6V
µ
8
4S
M
R
TK715xxA
VOUT
COUT
VIN
CL = 2.2 µF
LOAD ADJ.
IOUT = 20, 30, 40 mA
ROUT
TK715xxA
VOUT
CL
CIN
VIN
LOAD ADJ.
IOUT = 20, 30, 40 mA
RIN


Similar Part No. - TK71550AS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71550 TOKO-TK71550 Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71550S TOKO-TK71550S Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71550SCL TOKO-TK71550SCL Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71550SCL/50 TOKO-TK71550SCL/50 Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71550AS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com