Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA1145-100 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1145-100
Description  14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1145-100 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1145-100 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14 Pin DIP 5 Tap Fast-TTL Logic Compatible
Active Delay Lines
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
*3±1, 1±.5, 2±.5, 3±.5
4
EPA1145-4
*3±1, 1.5±.5, 3±.5, 4.5±.5
6
EPA1145-6
*3±1, 2±.5, 4±.5,6±.5
8
EPA1145-8
*3±1, 6±1.5, 9, 12
15
EPA1145-15
4, 8, 12, 16
20
EPA1145-20
5, 10, 15, 20
25
EPA1145-25
6, 12, 18, 24
30
EPA1145-30
8, 16, 24, 32
40
EPA1145-40
10, 20, 30, 40
50
EPA1145-50
12, 24, 36, 48
60
EPA1145-60
15, 30, 45, 60
75
EPA1145-75
20, 40, 60, 80
100
EPA1145-100
25, 50, 75, 100
125
EPA1145-125
30, 60, 90, 120
150
EPA1145-150
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
35, 70, 105, 140
175
EPA1145-175
40, 80, 120, 160
200
EPA1145-200
45, 90, 135, 180
225
EPA1145-225
50, 100, 150, 200
250
EPA1145-250
60, 120, 180, 240
300
EPA1145-300
70, 140, 210, 280
350
EPA1145-350
80, 160, 240, 320
400
EPA1145-400
90, 180, 270, 360
450
EPA1145-450
100, 200, 300, 400
500
EPA1145-500
120, 240, 360, 480
600
EPA1145-600
140, 280, 420, 560
700
EPA1145-700
160, 320, 480, 640
800
EPA1145-800
180, 360, 540, 720
900
EPA1145-900
200, 400, 600, 800
1000
EPA1145-1000
†Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
* First tap is inherent delay (3 ± 1 nS), all other taps are measured referenced from first tap.
Package Dimensions
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VOH High-Level Output Voltage
VCC= min. V IL= max. I OH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. V IH = min. I OL = max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = II K
-1.2
V
IIH
High-Level Input Current
VCC= max. V IN = 2.7V
50
µA
VCC= max. V IN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. V IN = 0.5V
-0.6
mA
IOS
Short Circuit Output Current VCC= max. V OUT = 0.
-40
-150
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. V IN = OPEN
15
mA
ICCL Low-Level Supply Current
VCC= max. V IN = 0
50
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
3
nS
Td > 500 nS
3
nS
NH
Fanout High-Level Output
VCC= max. V OH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. V OL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
-55
+125
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
Schematic
DSA1145 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.365
Max.
.780 Max.
.280
Max.
PCA
EPA1145-4
Date Code
.010
Typ.
.150 Typ.
.020
Min.
.250
Max.
.020
Typ.
White Dot
Pin#1
.100
.300
.200


Similar Part No. - EPA1145-100

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1145-100 PCA-EPA1145-100 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1145-1000 PCA-EPA1145-1000 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results

Similar Description - EPA1145-100

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770-4 PCA-EPA770-4 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1140F-25 PCA-EPA1140F-25 Datasheet
22Kb / 1P
   SMD 8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com