Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71590 Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK71590
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71590 Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK71590 Datasheet HTML 3Page - TOKO, Inc TK71590 Datasheet HTML 4Page - TOKO, Inc TK71590 Datasheet HTML 5Page - TOKO, Inc TK71590 Datasheet HTML 6Page - TOKO, Inc TK71590 Datasheet HTML 7Page - TOKO, Inc TK71590 Datasheet HTML 8Page - TOKO, Inc TK71590 Datasheet HTML 9Page - TOKO, Inc TK71590 Datasheet HTML 10Page - TOKO, Inc TK71590 Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
January 1999 TOKO, Inc.
Page 7
TK715xx
NOISE SPECTRUM
f (kHz)
-100
0
500 k
1 M
-50
CL = 4.7 µF, IOUT = 60 mA
CL = 4.7 µF, IOUT = 5 mA
SPECTRUM ANALYZER BACK-
GROUND NOISE
RB = 1 kHz, VB = 100 Hz
LINE VOLTAGE STEP RESPONSE
TIME (50 µs/ DIV)
CL = 4.7 µF
IOUT = 10 mA
VOUT + 2 V
VOUT + 1 V
LOAD CURRENT STEP RESPONSE 2
TIME (50 µs/ DIV)
NOTE: VOUT2 DELAYED 50 µs FOR CLARITY
IOUT = 0 to 100 mA
IOUT = 0 to 30 mA
CL =4.7 µF
LOAD CURRENT STEP RESPONSE 1
TIME (50 µs/ DIV)
CL =4.7 µF
IOUT = 5 to 100 mA
IOUT = 5 to 30 mA
NOTE: VOUT2 DELAYED 50 µs FOR CLARITY
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK71590

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71590AS TOKO-TK71590AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71590ASCL TOKO-TK71590ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71590ASCL/90 TOKO-TK71590ASCL/90 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71590

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com