Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA073HL-50 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA073HL-50
Description  14 Pin SMD 5 Tap Low Profile TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA073HL-50 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA073HL-50 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
14 Pin SMD 5 Tap Low Profile TTL
Compatible Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPA073HL-XX & EPA073HL-XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA073HL & -RC
Rev. 2
3/4/08 RR
Schematic
Package
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
5, 10, 15, 20
6, 12, 18, 24
7, 14, 21, 28
8, 16, 24, 32
9, 18, 27, 36
10, 20, 30, 40
12, 24, 36, 48
15, 30, 45, 60
20, 40, 60, 80
25, 50, 75, 100
30, 60, 90, 120
35, 70, 105, 140
Total Delay
(†±5% or ± 2nS)
25
30
35
40
45
50
60
75
100
125
150
175
PCA
Part Number
EPA073HL-200(-RC)
EPA073HL-225(-RC)
EPA073HL-250(-RC)
EPA073HL-300(-RC)
EPA073HL-350(-RC)
EPA073HL-400(-RC)
EPA073HL-420(-RC)
EPA073HL-440(-RC)
EPA073HL-450(-RC)
EPA073HL-470(-RC)
EPA073HL-500(-RC)
Tap Delays
(†±5% or ± 2nS)
40, 80, 120, 160
45, 90, 135, 180
50, 100, 150, 200
60, 120, 180, 240
70, 140, 210, 280
80, 160, 240, 320
84, 168, 252, 336
88, 176, 264, 352
90, 180, 270, 360
94, 188, 282, 376
100, 200, 300, 400
Total Delay
(†±5% or ± 2nS)
200
225
250
300
350
400
420
440
450
470
500
PCA
Part Number
EPA073HL-25(-RC)
EPA073HL-30(-RC)
EPA073HL-35(-RC)
EPA073HL-40(-RC)
EPA073HL-45(-RC)
EPA073HL-50(-RC)
EPA073HL-60(-RC)
EPA073HL-75(-RC)
EPA073HL-100(-RC)
EPA073HL-125(-RC)
EPA073HL-150(-RC)
EPA073HL-175(-RC)
†Whichever is greater. Delay times referenced from input to leading and trailing edges at 25°C, 5.0V, with no load.
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
0
Max.
5.25
0.8
-18
-1.0
20
40
+70
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Td > 500 nS
Max.
0.5
-1.2
50
1.0
-2
-100
75
75
4
5
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
nS
mA
mA
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.100
(2.54)
PCA
EPA073HL-XX(-RC)
Date Code
.280
Max.
(7.11)
.780 Max.
(19.81)
.165 Max.
(4.19)
.010
Typ.
(.254)
.050
(1.27)
.410
(10.41)
.055
(1.40)
.300
(7.62)
.030
(.762)
Suggested Solder
Pad Layout
.300
(7.62)
.200
(5.08)
.300
(7.62)
.200
(5.08)
.400
Max.
(10.16)
Notes :
2. Peak Temperature Rating
4. Weight
3. Moisture Sensitive Levels
1. Lead Finish
5. Packaging Information
(Tube)
(Tape & Reel)
EPA073HL-XX-RC
245°C
1.35 grams
4 (72 hours,
≤30°C/60%RH)
Hot Dip Sn or SAC
27 pieces/tube
600 pieces/13” ree
EPA073HL-XX
225°C
1.35 grams
3 (168 hourss,
≤30°C/60%RH)
SnPb
27 pieces/tube
600 pieces/13” reel
.020
(.508)


Similar Part No. - EPA073HL-50

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA073HL-50(-RC) PCA-EPA073HL-50(-RC) Datasheet
22Kb / 1P
   14 Pin SMD 5 Tap Low Profile TTL Compatible Active Delay Lines
EPA073HL-500(-RC) PCA-EPA073HL-500(-RC) Datasheet
22Kb / 1P
   14 Pin SMD 5 Tap Low Profile TTL Compatible Active Delay Lines
More results

Similar Description - EPA073HL-50

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA073HL-XX PCA-EPA073HL-XX_15 Datasheet
22Kb / 1P
   14 Pin SMD 5 Tap Low Profile TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-XX PCA-EPA2720-XX_15 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA424 PCA-EPA424_15 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA424-25 PCA-EPA424-25 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP82XX-HL PCA-EP82XX-HL_15 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com