Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KF10N50FZ Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KF10N50FZ
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF10N50FZ Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KF10N50FZ Datasheet HTML 1Page - KEC(Korea Electronics) KF10N50FZ Datasheet HTML 2Page - KEC(Korea Electronics) KF10N50FZ Datasheet HTML 3Page - KEC(Korea Electronics) KF10N50FZ Datasheet HTML 4Page - KEC(Korea Electronics) KF10N50FZ Datasheet HTML 5Page - KEC(Korea Electronics) KF10N50FZ Datasheet HTML 6Page - KEC(Korea Electronics) KF10N50FZ Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2008. 10. 29
3/7
KF10N50P/F/PZ/FZ
Revision No : 1
Gate - Source Voltage VGS (V)
Fig1. ID - VDS
Drain - Source Voltage VDS (V)
Drain Current ID (A)
10
0
10
-1
10
1
68
410
2
Fig2. ID - VGS
Fig3. BVDSS - Tj
Fig4. RDS(ON) - ID
-100
-50
0.8
0.9
1.2
1.1
1.0
050
100
150
Fig5. IS - VSD
0.2
0.4
0.8
1.0
1.2
0.6
1.4
1.6
1.8
1.4
0.6
0.2
0.4
0.8
1.2
1.0
08
412
6
210
Junction Temperature Tj (
)
C
Source - Drain Voltage VSD (V)
10
0
10
-1
10
1
10
2
Fig6. RDS(ON) - Tj
Junction Temperature Tj ( )
0
50
-100
-50
100
150
0.0
0.5
3.0
2.5
1.0
1.5
2.0
C
VGS =10V
IDS = 5A
V
GS = 0V
I
DS = 250
100 C
25 C
1100
0.1
10
0.1
1
10
100
VGS=10V
VGS=7V
VGS=10V
VGS=6V
VDS=30V
VGS=5V
100 C
25 C


Similar Part No. - KF10N50FZ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF10N50FR KEC-KF10N50FR Datasheet
83Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF10N50FZ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com