Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71549 Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK71549
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71549 Datasheet(HTML) 4 Page - TOKO, Inc

  TK71549 Datasheet HTML 1Page - TOKO, Inc TK71549 Datasheet HTML 2Page - TOKO, Inc TK71549 Datasheet HTML 3Page - TOKO, Inc TK71549 Datasheet HTML 4Page - TOKO, Inc TK71549 Datasheet HTML 5Page - TOKO, Inc TK71549 Datasheet HTML 6Page - TOKO, Inc TK71549 Datasheet HTML 7Page - TOKO, Inc TK71549 Datasheet HTML 8Page - TOKO, Inc TK71549 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page 4
January 1999 TOKO, Inc.
TK715xx
TK715xx ELECTRICAL CHARACTERISTICS TABLE 1
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
Test
Voltage
Code
Voltage
1.9 V
19
1.840 V
1.960 V
2.9 V
2.0 V
20
1.940 V
2.060 V
3.0 V
2.1 V
21
2.040 V
2.160 V
3.1 V
2.2 V
22
2.140 V
2.260 V
3.2 V
2.3 V
23
2.240 V
2.360 V
3.3 V
2.4 V
24
2.340 V
2.460 V
3.4 V
2.5 V
25
2.440 V
2.560 V
3.5 V
2.6 V
26
2.540 V
2.660 V
3.6 V
2.7 V
27
2.640 V
2.760 V
3.7 V
2.8 V
28
2.740 V
2.860 V
3.8 V
2.9 V
29
2.840 V
2.960 V
3.9 V
3.0 V
30
2.940 V
3.060 V
4.0 V
3.1 V
31
3.040 V
3.160 V
4.1 V
3.2 V
32
3.140 V
3.260 V
4.2 V
3.3 V
33
3.240 V
3.360 V
4.3 V
3.4 V
34
3.335 V
3.465 V
4.4 V
3.5 V
35
3.435 V
3.565 V
4.5 V
3.6 V
36
3.535 V
3.665 V
4.6 V
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
Test
Voltage
Code
Voltage
3.7 V
37
3.630 V
3.770 V
4.7 V
3.8 V
38
3.725 V
3.875 V
4.8 V
3.9 V
39
3.825 V
3.975 V
4.9 V
4.0 V
40
3.920 V
4.080 V
5.0 V
4.1 V
41
4.020 V
4.180 V
5.1 V
4.2 V
42
4.120 V
4.280 V
5.2 V
4.3 V
43
4.215 V
4.385 V
5.3 V
4.4 V
44
4.315 V
4.485 V
5.4 V
4.5 V
45
4.410 V
4.590 V
5.5 V
4.6 V
46
4.510 V
4.690 V
5.6 V
4.7 V
47
4.605 V
4.795 V
5.7 V
4.8 V
48
4.705 V
4.895 V
5.8 V
4.9 V
49
4.800 V
5.000 V
5.9 V
5.0 V
50
4.900 V
5.100 V
6.0 V
6.0 V
60
5.880 V
6.120 V
7.0 V
7.0 V
70
6.860 V
7.140 V
8.0 V
8.0 V
80
7.840 V
8.160 V
9.0 V
9.0 V
90
8.820 V
9.180 V
9.0 V


Similar Part No. - TK71549

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71549AS TOKO-TK71549AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71549ASCL TOKO-TK71549ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71549ASCL/49 TOKO-TK71549ASCL/49 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71549

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com