Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380HS011NF12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 380HS011NF12
Description  EMI/RFI Non-Environmental Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380HS011NF12 Datasheet(HTML) 2 Page - Glenair, Inc.

  380HS011NF12 Datasheet HTML 1Page - Glenair, Inc. 380HS011NF12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
See inside back cover fold-out or pages 13 and 14 for unabridged
Tables I and II.
Z
Max
.630 (16.0)
.755 (19.2)
.942 (23.9)
1.067 (27.1)
1.192 (30.3)
1.380 (35.1)
1.535 (39.0)
1.848 (46.9)
2.255 (57.3)
2.505 (63.6)
2.755 (70.0)
3.255 (82.7)
Max
.250
(6.4)
.312
(7.9)
.438 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
2.375 (60.3)
Dash
No.
03*
04*
06*
08
10
12
16
20
24
28
32*
40*
X
Max
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
1.323 (33.6)
1.323 (33.6)
1.572 (39.9)
1.572 (39.9)
1.572 (39.9)
Min **
.156
(4.0)
.188
(4.8)
.281
(7.1)
.344
(8.7)
.375
(9.5)
.438 (11.1)
.562 (14.3)
.750 (19.1)
.781 (19.8)
.969 (24.6)
1.125 (28.6)
1.469 (37.3)
Y
Max
.843 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
2.062 (52.4)
2.312 (58.7)
2.719 (69.1)
2.969 (75.4)
3.531 (89.7)
Cable Range
* Not available in Style M clamp.
** Not Applicable Style D
W
Max
.437 (11.1)
.437 (11.1)
.500 (12.7)
.563 (14.3)
.563 (14.3)
.563 (14.3)
.656 (16.7)
.656 (16.7)
.656 (16.7)
1.188 (30.2)
1.187 (30.1)
1.125 (28.6)
TABLE XI: CABLE ENTRY
380-011
EMI/RFI Non-Environmental Backshell
with Strain Relief
Type A - Rotatable Coupling - Standard Profile
Now Available
with the “NESTOR”
Add “-445” to Specify
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling. See
Page 41 for Details.
1. When maximum cable entry (page 21) is
exceeded, Style 2 will be supplied.
Dimensions E, F, G & H will not apply.
Please consult factory.
2. Metric dimensions (mm) are indicated in
parentheses.
3. Cable range is defined as the accommo-
dations range for the wire bundle or
cable. Dimensions shown are not
intended for inspection criteria.
4. Consult factory for shorter lengths on
straight backshells.
TABLE III: ELBOW DIMENSIONS
G
Max
1.380 (35.1)
1.440 (36.6)
1.500 (38.1)
1.570 (39.9)
1.630 (41.4)
1.730 (43.9)
1.800 (45.7)
2.040 (51.8)
2.130 (54.1)
H
Max
1.190 (30.2)
1.250 (31.8)
1.320 (33.5)
1.380 (35.1)
1.460 (37.1)
1.540 (39.1)
1.610 (40.9)
1.850 (47.0)
1.940 (49.3)
F
Max
1.050 (26.7)
1.070 (27.2)
1.100 (27.9)
1.120 (28.4)
1.150 (29.2)
1.190 (30.2)
1.220 (31.0)
1.390 (35.3)
1.430 (36.3)
E
Max
1.240 (31.5)
1.260 (32.0)
1.290 (32.8)
1.310 (33.3)
1.340 (34.0)
1.380 (35.1)
1.410 (35.8)
1.580 (40.1)
1.620 (41.1)
Shell
Size
11
13
15
17
19
23
25
29
33
TABLE X: CABLE ENTRY
Dash
No.
04
06
08
10
12
16
20
24
28
32
T
Max
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.811 (20.6)
.905 (23.0)
1.092 (27.7)
1.124 (28.5)
1.399 (35.5)
1.399 (35.5)
Min
.125
(3.2)
.250
(6.4)
.312
(7.9)
.350
(8.9)
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.437 (36.5)
Max
.312
(7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.937 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
V
Max
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.332 (33.8)
1.551 (39.4)
1.770 (45.0)
2.113 (53.7)
2.363 (60.0)
2.770 (70.4)
3.020 (76.7)
Cable Range
TABLE II: STANDARD FINISHES
See Inside Back Cover
for Additional Finish Options
GLENAIR
SYMBOL
B
M
NF
FINISH
Cadmium Plate, Olive Drab
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel


Similar Part No. - 380HS011NF12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380HS010B08 GLENAIR-380HS010B08 Datasheet
83Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380HS010B10 GLENAIR-380HS010B10 Datasheet
83Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380HS010B12 GLENAIR-380HS010B12 Datasheet
83Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380HS010B14 GLENAIR-380HS010B14 Datasheet
83Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380HS010B16 GLENAIR-380HS010B16 Datasheet
83Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380HS011NF12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B08 GLENAIR-380AC105B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AM109B08 GLENAIR-380AM109B08 Datasheet
91Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA014B08 GLENAIR-380AA014B08 Datasheet
156Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC018B08 GLENAIR-380AC018B08 Datasheet
389Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC009B08 GLENAIR-380AC009B08 Datasheet
297Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC111B08 GLENAIR-380AC111B08 Datasheet
354Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com