Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

370LS006M12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 370LS006M12
Description  Splash-Proof Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370LS006M12 Datasheet(HTML) 2 Page - Glenair, Inc.

  370LS006M12 Datasheet HTML 1Page - Glenair, Inc. 370LS006M12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 23
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 22) is exceeded, Style
2 will be supplied. Function S only.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range
for the wire bundle or cable. Dimensions shown are not
intended for inspection criteria.
4. Consult factory for shorter lengths on straight backshells.
5. When using Connector Designator B refer to pages 18
and 19 for part number development.
TABLE VI: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
L
Max
.593 (15.1)
.718 (18.2)
.843 (21.4)
.968 (24.6)
1.109 (28.2)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
Cable Range
Max
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Min
.062 (1.6)
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
TABLE V: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
K
Max
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
Cable Range
Max
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Min
.062 (1.6)
.125 (3.2)
.250 (6.4)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.875 (22.2)
TABLE IV: ELBOW DIMENSIONS
G
Max
.636 (16.2)
.636 (16.2)
.710 (18.0)
.731 (18.6)
.825 (21.0)
.988 (25.1)
1.087 (27.6)
1.325 (33.7)
1.325 (33.7)
1.325 (33.7)
H
Max
2.040 (51.8)
2.040 (51.8)
2.160 (54.9)
2.180 (55.4)
2.250 (57.2)
2.340 (59.4)
2.510 (63.8)
2.620 (66.5)
2.620 (66.5)
2.620 (66.5)
F
Max
2.030 (51.6)
2.030 (51.6)
2.090 (53.1)
2.150 (54.6)
2.240 (56.9)
2.340 (59.4)
2.540 (64.5)
2.680 (68.1)
2.680 (68.1)
2.680 (68.1)
E
Max
.567 (14.4)
.567 (14.4)
.630 (16.0)
.692 (17.6)
.755 (19.2)
.848 (21.5)
1.036 (26.3)
1.130 (28.7)
1.130 (28.7)
1.130 (28.7)
Elbow
Size
01
02
03
04
05
06
07
08
09
10
See inside back cover fold-out or
pages 13 and 14 for
unabridged Tables I and II.
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
See Inside Back Cover
for Additional Finish Options
370-006
Splash-Proof Cable Sealing Backshell
with Strain Relief
Low Profile - Direct Coupling
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1
.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735(44.1)
1.915(48.6)
1.915(48.6)
1.915(48.6)
1.915(48.6)
1.915(48.6)
1.915(48.6)
1.915(48.6)
1.915(48.6)
1.915(48.6)
1.915(48.6)


Similar Part No. - 370LS006M12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370LS003B08 GLENAIR-370LS003B08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370LS003B10 GLENAIR-370LS003B10 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370LS003B12 GLENAIR-370LS003B12 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370LS003B14 GLENAIR-370LS003B14 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370LS003C08 GLENAIR-370LS003C08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
More results

Similar Description - 370LS006M12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AA005B08 GLENAIR-370AA005B08 Datasheet
200Kb / 2P
   Splash-Proof Cable Sealing Backshell
390AJ059M08 GLENAIR-390AJ059M08 Datasheet
60Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AA011M08 GLENAIR-390AA011M08 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AK011M08 GLENAIR-390AK011M08 Datasheet
77Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AA012M08 GLENAIR-390AA012M08 Datasheet
58Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
370GH007NF11 GLENAIR-370GH007NF11 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370AA004B08 GLENAIR-370AA004B08 Datasheet
242Kb / 2P
   Water-Tight Cable Sealing Backshell
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370AS017XB08 GLENAIR-370AS017XB08 Datasheet
309Kb / 2P
   Composite Cable-Sealing Environmental Backshell
443AM010NF08 GLENAIR-443AM010NF08 Datasheet
84Kb / 2P
   EMI/RFI Cable Sealing Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com