Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KCR402T Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KCR402T
Description  Constant-Current LED Driver Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KCR402T Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KCR402T Datasheet HTML 1Page - KEC(Korea Electronics) KCR402T Datasheet HTML 2Page - KEC(Korea Electronics) KCR402T Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2009. 7. 7
3/3
KCR402T
Revision No : 0
18 Ohm
27 Ohm
36 Ohm
82 Ohm
open
Source Voltage VS (V)
IO - VS
0
5
10
15
20
25
25
30
05
10
15
20
45
50
40
35
VS-VO=1.2V,2V
VS-VO=1V
IS - VS
-40 C
20 C
80 C
-40 C
20 C
80 C
-40 C
20 C
80 C
Source Voltage VS (V)
IO - VS
10
100
25
30
05
10
15
20
45
50
40
35
VS-VO=1.4V
Source Voltage VS (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
25
30
05
10
15
20
45
50
40
35
Source Voltage VS (V)
IO - VS
10
100
25
30
05
10
15
20
45 50
40
35
Ta=25 C
10
100
External Resistor Rext (
Ω)
IO - Rext
10
100
VS=10V
VS-VO=1.4V
VS-VO=1.4V


Similar Part No. - KCR402T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KCR401T KEC-KCR401T Datasheet
43Kb / 3P
   Constant-Current LED Driver Transistor
KCR405T KEC-KCR405T Datasheet
42Kb / 3P
   Constant-Current LED Driver Transistor
More results

Similar Description - KCR402T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KCR401T KEC-KCR401T Datasheet
43Kb / 3P
   Constant-Current LED Driver Transistor
KCR405T KEC-KCR405T Datasheet
42Kb / 3P
   Constant-Current LED Driver Transistor
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com