Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

327FW060XM22 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 327FW060XM22
Description  Extender Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

327FW060XM22 Datasheet(HTML) 2 Page - Glenair, Inc.

  327FW060XM22 Datasheet HTML 1Page - Glenair, Inc. 327FW060XM22 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-27
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
327-060
Extender Backshell
with Self-Locking Rotatable Coupling
A, F
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
E
Max
.74 (18.8)
.80 (20.3)
.86 (21.8)
.93 (23.6)
.99 (25.1)
1.05 (26.7)
1.12 (28.4)
1.18 (30.0)
1.24 (31.5)
Shell Size For
Connector Designator
TABLE III: CONNECTOR SHELL SIZE ORDER NUMBER
F
Max
1.00 (25.4)
1.06 (26.9)
1.12 (28.4)
1.19 (30.2)
1.25 (31.8)
1.31 (33.3)
1.38 (35.1)
1.44 (36.6)
1.50 (38.1)
G
Max
.78 (19.8)
.81 (20.6)
.81 (20.6)
.82 (20.8)
.84 (21.3)
.85 (21.6)
.88 (22.4)
.92 (23.4)
.97 (24.6)
H
Max
.89 (22.6)
.92 (23.4)
.94 (23.9)
.97 (24.6)
.99 (25.1)
1.00 (25.4)
1.03 (26.2)
1.07 (27.2)
1.08 (27.4)
TABLE II: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XO
No Plating - Brown Color (Non-Conductive Finish)
XB
No Plating - Black Color (Non-Conductive Finish)
XW
2000 Hour Corrosion Resistant Cadmium/Olive
Drab over Electroless Nickel


Similar Part No. - 327FW060XM22

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
327 WECO-327 Datasheet
167Kb / 1P
   Socket terminal strip Screw connection
01.23
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-51 MARL-327-000-21-51 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-53 MARL-327-000-21-53 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-54 MARL-327-000-21-54 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results

Similar Description - 327FW060XM22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
320AS002M16 GLENAIR-320AS002M16 Datasheet
71Kb / 1P
   Extender Backshell
320AL001M08 GLENAIR-320AL001M08 Datasheet
75Kb / 1P
   Extender Backshell
IT101393-123 GLENAIR-IT101393-123 Datasheet
456Kb / 2P
   Extender Backshell for Plug Connectors
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
   Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
   Frequency Extender
Rev. A
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
Glenair, Inc.
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
   Split Backshell
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
   Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com