Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65426MTL Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK65426MTL
Description  STEP-DOWN CONVERTER WITH BATTERY MONITOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65426MTL Datasheet(HTML) 1 Page - TOKO, Inc

  TK65426MTL Datasheet HTML 1Page - TOKO, Inc TK65426MTL Datasheet HTML 2Page - TOKO, Inc TK65426MTL Datasheet HTML 3Page - TOKO, Inc TK65426MTL Datasheet HTML 4Page - TOKO, Inc TK65426MTL Datasheet HTML 5Page - TOKO, Inc TK65426MTL Datasheet HTML 6Page - TOKO, Inc TK65426MTL Datasheet HTML 7Page - TOKO, Inc TK65426MTL Datasheet HTML 8Page - TOKO, Inc TK65426MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
September 1999 TOKO, Inc.
Page 1
TK654xx
ADVANCED INFORMATION
VOUT
VIN
LBO
LBI/SB
SW
CONTROL
CIRCUIT
BATTERY
MONITOR
REF
LBO
OFF
GND
FEATURES
s Minimum External Component Count (1 coil, 1 cap)
s Miniature 6 Pin SOT23L-6 Surface Mount Package
s Up To 95% Efficient
s Extremely Low Operating Current (24
µA)
s Low Quiescent Current (18
µA)
s Low Ripple
s Fast Transient Response
s Linear Dropout Characteristics
s Short Circuit Protection
s Regulates Down to 1.8 V
s Synchronous Rectification
s Internal Battery Monitor
BLOCK DIAGRAM
TK654xxM
VOUT
LBO
VIN
SW
GND
LBI/SB
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK654xxM
Voltage Code
VOLTAGE CODE
18 = 1.8 V
21 = 2.1 V
24 = 2.4 V
25 = 2.5 V
27 = 2.7 V
30 = 3.0 V
33 = 3.3 V
ADVANCED
INFORMATION
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Radio Controlled Systems
s Toys
STEP-DOWN CONVERTER WITH BATTERY MONITOR
DESCRIPTION
The TK654xx low power step-down converter is designed
for portable battery systems, capable of operating from a
single Li-ion battery cell or multiple alkaline or rechargeable
(NiCd or NiMH) battery cells (up to 6 V). The TK654xx
provides the power switch, synchronous rectifier, and the
control circuit for a buck step-down converter. Only two
external components are required to complete the step-
down conversion.
The TK654xx provides laser-trimmed output voltages
ranging from 1.8 V to 3.3 V. The low resistance MOSFET
switch and synchronous rectifier allow average currents
up to 200 mA, while maintaining peak efficiencies up to
95%. A low-battery threshold and turn-off threshold can
be individually programmed by the user, utilizing a single
resistor divider connected to the Low Battery Input (LBI)
pin. When the resistively-divided supply voltage on the
LBI pin drops below approximately 1.22 V, the Low Battery
Output (LBO) pin will become asserted. The dual-function
LBI pin can alternatively be used as a Standby (SB) pin.
Driving the SB pin low will disable the TK654xx and drop
the quiescent current on the input supply to approximately
18
µA.
Pulse Current Amplitude control is used to regulate the
voltage at the V
OUT pin of the IC. When the output voltage
of the TK654xx drops below the regulation threshold, a
current pulse is transferred from the input supply to the
output. The TK654xx utilizes a proprietary control scheme,
where the average amplitude of the current pulse is varied
depending upon the current loads.
The proprietary
architecture allows fast transient response and minimal
ripple while maintaining ease-of-use and low component
count.
The TK654xx is available in a miniature 6-pin SOT23L-6
surface mount package.


Similar Part No. - TK65426MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65426MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
ams AG
AS1346 AMSCO-AS1346 Datasheet
657Kb / 16P
   Dual Step-Down Converter with Battery Monitoring
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
398Kb / 21P
   Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
19-1810; Rev 1; 1/02
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
623Kb / 2P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
Analog Devices
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
   50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
Rev. B
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
   50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
Rev. B
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com