Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

124141L Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # 124141L
Description  GaAlAs / GaAlAs LED Chips (substrate removed)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

124141L Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  124141L Datasheet HTML 1Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
INFRA-RED
Item No.: 124141 L
1.
This specification applies to GaAlAs / GaAlAs LED Chips (substrate removed)
2.
Structure
2.1
Mesa structure
2.2
Electrodes
p-side (anode)
Au alloy
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
Wire bond contacts can also have a spider shape
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 20 mA
1,70
2,10
V
Reverse voltage
VR
IR = 10 µA
5
V
output Power *
Φ
e
IF = 20 mA
2,4
2,8
mW
Switching time
tr, tf
IF = 20 mA
40
ns
Peak wavelength
λ
P
IF = 20 mA
760
nm
Power measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with 1) wire bond side on top
2) back contact on top
6.
Labeling
Type
Lot No.
Φ
e typ
Quantity
min
max
n-Epitaxy GaAlAs
n-Electrode
p-Electrode
p-Epitaxy GaAlAs
Active Layer
150
typ.
325
120
325


Similar Part No. - 124141L

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
124141 OSA-124141 Datasheet
52Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
logo
Weidmuller
1241410000 WEIDMULLER-1241410000 Datasheet
243Kb / 4P
   Media converter, Fast Ethernet, Number of ports:1x RJ45, 1 * SC Single-mode
logo
TE Connectivity Ltd
1241411 TEC-1241411 Datasheet
128Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact
1241413 TEC-1241413 Datasheet
128Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact
logo
ORION FANS
124141794 ORIONFANS-124141794 Datasheet
767Kb / 1P
   Spot Cooling
More results

Similar Description - 124141L

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
125244 OSA-125244 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
132144 OSA-132144 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
115261L OSA-115261L Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
124141 OSA-124141 Datasheet
52Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
125144L OSA-125144L Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
126244F OSA-126244F Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
132141L OSA-132141L Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
190150 OSA-190150 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
126254H OSA-126254H Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
115160 OSA-115160 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
126244 OSA-126244 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com