Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LN009M10 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380LN009M10
Description  EMI/RFI Non-Environmental Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380LN009M10 Datasheet(HTML) 1 Page - Glenair, Inc.

  380LN009M10 Datasheet HTML 1Page - Glenair, Inc. 380LN009M10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 52
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
STYLE F
Light Duty
(Table IV)
J
Cable
Range
.416 (10.5)
Max
STYLE G
Light Duty
(Table V)
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
TYPE D INDIVIDUAL
OR OVERALL
SHIELD TERMINATION
G
(Table III)
E
(Table III)
F (Table III)
H
(Table
III)
.072 (1.8)
Max
K
Cable
Entry
380 F N 009 M 16 05 F
Product Series
Connector
Designator
Angle and Profile
M = 45°
N = 90°
See page 38-50 for straight
Strain Relief Style (F, G)
Cable Entry (Table IV, V)
Shell Size (Table I)
Finish (Table II)
Basic Part No.
C Typ.
(Table I)
A Thread
(Table I)
380-009
EMI/RFI Non-Environmental Backshell
with Strain Relief
Type D - Rotatable Coupling - Full Radius Profile
STYLE 2
(See Note 1)
.88 (22.4) Max
Now Available
with the “NESTOR”
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling.
Add “-445” to Specify
This AS85049 Style “N”
Coupling Interface.


Similar Part No. - 380LN009M10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380LN007B08 GLENAIR-380LN007B08 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LN007B10 GLENAIR-380LN007B10 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LN007B12 GLENAIR-380LN007B12 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LN007B14 GLENAIR-380LN007B14 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380LN007B16 GLENAIR-380LN007B16 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
More results

Similar Description - 380LN009M10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA005B08 GLENAIR-380AA005B08 Datasheet
99Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA006B08 GLENAIR-380AA006B08 Datasheet
97Kb / 2P
   EMI/RFI Non-Environmental Backshell
M85049-36-8N01 GLENAIR-M85049-36-8N01 Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshell
380-107 GLENAIR-380-107 Datasheet
235Kb / 2P
   EMI/RFI Non-Environmental Backshell
380-115 GLENAIR-380-115 Datasheet
204Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AC019B08 GLENAIR-380AC019B08 Datasheet
142Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH007B08 GLENAIR-380AH007B08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com