Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

370GB008B23 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 370GB008B23
Description  Water-Tight Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370GB008B23 Datasheet(HTML) 2 Page - Glenair, Inc.

  370GB008B23 Datasheet HTML 1Page - Glenair, Inc. 370GB008B23 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
TABLE III: ELBOW DIMENSIONS
G
Max
1.380 (35.1)
1.440 (36.6)
1.500 (38.1)
1.570 (39.9)
1.630 (41.4)
1.730 (43.9)
1.800 (45.7)
2.040 (51.8)
2.130 (54.1)
H
Max
1.060 (26.9)
1.120 (28.4)
1.190 (30.2)
1.250 (31.8)
1.330 (33.8)
1.410 (35.8)
1.480 (37.6)
1.720 (43.7)
1.810 (46.0)
F
Max
.920 (23.4)
.940 (23.9)
.970 (24.6)
.990 (25.1)
1.020 (25.9)
1.060 (26.9)
1.090 (27.7)
1.260 (32.0)
1.300 (33.0)
E
Max
1.240 (31.5)
1.260 (32.0)
1.290 (32.8)
1.310 (33.3)
1.340 (34.0)
1.380 (35.1)
1.410 (35.8)
1.580 (40.1)
1.620 (41.1)
Shell
Size
11
13
15
17
19
23
25
29
33
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
See Inside Back Cover
for Additional Finish Options
370-008
Water-Tight Cable Sealing Backshell
with Strain Relief
Standard Profile - Rotatable Coupling
Add “-445” to Specify Glenair’s Non-Detent,
("NESTOR") Spring-Loaded, Self-Locking Coupling.
See Page 41 for Details.
1. When maximum cable entry
(page 21) is exceeded, Style 2
will be supplied. Dimensions E,
F, G & H will not apply. Please
consult factory.
2. Metric dimensions (mm) are
indicated in parentheses.
3. Saddles are bottomed on
Clamp Ears.
4. Cable range is defined as the
accommodations range for the
wire bundle or cable. Dimen-
sions shown are not intended
for inspection criteria.
5. Consult factory for shorter
lengths on straight backshells.
TABLE IV: CABLE ENTRY
Dash
No.
03
04
06
08
10
12
16
20
24
28
32
J
Max
1.219 (31.0)
1.219 (31.0)
1.219 (31.0)
1.219 (31.0)
1.281 (32.5)
1.281 (32.5)
1.406 (35.7)
1.656 (42.1)
1.906 (48.4)
1.906 (48.4)
2.000 (50.8)
Max
.219 (5.6)
.312 (7.9)
.438 (11.1)
.531 (13.5)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
K
Max
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.188 (30.2)
1.312 (33.3)
1.562 (39.7)
1.750 (44.5)
2.250 (57.2)
2.375 (60.3)
2.625 (66.7)
2.812 (71.4)
Cable Range
L
Ref
.135 (3.4)
.203 (5.2)
.285 (7.2)
.350 (8.9)
.390 (9.9)
.460 (11.7)
.510 (13.0)
.695 (17.7)
.715 (18.2)
.915 (23.2)
1.070 (27.2)
Min
.156 (4.0)
.188 (4.8)
.281 (7.1)
.312 (7.9)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.938 (23.8)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
TABLE V: CABLE ENTRY
Dash
No.
03
04
06
08
10
12
16
20
24
28
32
Max
.219 (5.6)
.312 (7.9)
.438 (11.1)
.531 (13.5)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
Cable Range
Min
.156 (4.0)
.188 (4.8)
.281 (7.1)
.312 (7.9)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.938 (23.8)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
N
Max
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.188 (30.2)
1.312 (33.3)
1.562 (39.7)
1.750 (44.5)
2.250 (57.2)
2.375 (60.3)
2.625 (66.7)
2.812 (71.4)
M
Max
.739 (18.8)
.739 (18.8)
.739 (18.8)
.739 (18.8)
.791 (20.1)
.880 (22.4)
.901 (22.9)
1.031 (26.2)
1.250 (31.8)
1.250 (31.8)
1.312 (33.3)


Similar Part No. - 370GB008B23

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370GH00711 GLENAIR-370GH00711 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370GH00713 GLENAIR-370GH00713 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370GH00715 GLENAIR-370GH00715 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370GH00717 GLENAIR-370GH00717 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370GH00719 GLENAIR-370GH00719 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
More results

Similar Description - 370GB008B23

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AA004B08 GLENAIR-370AA004B08 Datasheet
242Kb / 2P
   Water-Tight Cable Sealing Backshell
370AA003B08 GLENAIR-370AA003B08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
390AA004M08 GLENAIR-390AA004M08 Datasheet
103Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
390AA003M08 GLENAIR-390AA003M08 Datasheet
105Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
390GH014M08 GLENAIR-390GH014M08 Datasheet
113Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
370GH007NF11 GLENAIR-370GH007NF11 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370AA005B08 GLENAIR-370AA005B08 Datasheet
200Kb / 2P
   Splash-Proof Cable Sealing Backshell
370AS017XB08 GLENAIR-370AS017XB08 Datasheet
309Kb / 2P
   Composite Cable-Sealing Environmental Backshell
443AM010NF08 GLENAIR-443AM010NF08 Datasheet
84Kb / 2P
   EMI/RFI Cable Sealing Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com