Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK65418MTL Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK65418MTL
Description  STEP-DOWN CONVERTER WITH BATTERY MONITOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65418MTL Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK65418MTL Datasheet HTML 6Page - TOKO, Inc TK65418MTL Datasheet HTML 7Page - TOKO, Inc TK65418MTL Datasheet HTML 8Page - TOKO, Inc TK65418MTL Datasheet HTML 9Page - TOKO, Inc TK65418MTL Datasheet HTML 10Page - TOKO, Inc TK65418MTL Datasheet HTML 11Page - TOKO, Inc TK65418MTL Datasheet HTML 12Page - TOKO, Inc TK65418MTL Datasheet HTML 13Page - TOKO, Inc TK65418MTL Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Page 10
TK654xx
September 1999 TOKO, Inc.
ADVANCED INFORMATION
THEORY OF OPERATION
Figure 1 illustrates a circuit diagram for a simple buck
(step-down) converter. Typically, the input voltage (V
IN) is
greater than the output voltage (V
OUT). By modulating the
switching action of switch SW1, the output voltage (V
OUT)
can be regulated to a constant voltage that is relatively
independent of variations in the input supply (V
IN) or the
current load on the V
OUT node. The TK654xx contains all
the control circuitry, logic, and power switch (SW1) for
implementing a simple step-down or "buck" converter, as
shown in Figure 1.
In general, a switching converter utilizing the TK654xx
controller will be operating in one of three states:
1. "ON" STATE: During this state of operation SW1 will be
turned on. Current through the inductive element (L) will be
increasing at a rate proportional to the voltage difference
between V
IN and VOUT. In this state, there is a direct
current path from the input supply to the output load
through the inductor L.
2. "OFF" STATE: During this state of operation SW1 will
be turned off. Current through the inductive element will be
greater than zero and flowing either through the external
schottky rectifier (D) or the synchronous rectifier internal to
the TK654xx. During the "off" state, current through the
inductive element (L) will be decreasing at a rate
approximately proportional to V
OUT. In this state, the
current drawn from the input supply is essentially zero.
Current to the load is provided by stored energy in the
inductive element.
3. "NULL" STATE: During this state of operation SW1 will
be turned off. Current through the inductive element will be
approximately zero. The internal synchronous rectifier will
be turned off. All current demands of the load will be
provided by the output filter capacitor (C). In this state, the
current drawn from the input supply is essentially zero.
Since the inductive current is zero, no additional energy is
available from the inductor. If the current demands of the
load are very light, the current will be provided by the
stored charge in the output filter capacitor. If the voltage of
the filter capacitor drops below the regulation threshold, an
"on" state will be initiated and additional energy will be
transferred from the input supply to the output.
The control scheme for the TK654xx forces the converter
to step through the "on," "off," and "null" states in sequence.
Assume that the controller is initially in the "null" state and
V
OUT is greater than the regulation threshold. As soon as
the output voltage drops below this threshold, the controller
will switch from "null" state to the "on" state. During the "on"
state, current through inductor (L) will be increasing.
Current will flow from the input supply to the output
capacitor through the inductive element. In this state,
energy is transferred directly from the input supply to the
output through the inductor. The maximum duration of the
"on" state is inversely proportional to the difference between
the input voltage (V
IN) and the output voltage (VOUT).
The transition from the "on" state to the "off" state can be
initiated by one of two different means. As mentioned
above, the maximum duration of the "on" state is inversely
proportional to the difference between the input voltage
(V
IN) and the output voltage (VOUT). If the duration of the
"on" cycle exceeds this maximum, the controller
immediately switches to the "off" state independent of
other factors. Understanding that when the converter is in
a dropout condition (V
IN ≈ VOUT), the maximum “on” time
is infinite and the “on” state is constantly applied. By
limiting the duration of the "on" cycle, the peak inductor
current is also being limited. The second method for
initiating the "off" cycle is triggered when the duration of the
"on" cycle exceeds a minimum on-time duration and the
output voltage (V
OUT) exceeds the regulation threshold.
Therefore, the actual duration of the "on" cycle will vary
between a minimum on-time (T
ON(MIN)) and a maximum
on-time (T
ON(MAX)) depending upon the load current. At
very light loads the on-time duration will be at a minimum;
at very heavy loads the on-time will be at a maximum. This
ability to vary the duration of the on cycle is a proprietary
control scheme which can produce a ten-fold reduction in
ripple when compared to competing devices.
The transition from the "off" state to the "null" state occurs
after sufficient time has been allowed for the inductor
current to return to zero. The actual duration of the "off"
VIN
VOUT
C
D
L
SW1
+
FIGURE 1: SIMPLE "BUCK" CONVERTER


Similar Part No. - TK65418MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65418MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
ams AG
AS1346 AMSCO-AS1346 Datasheet
657Kb / 16P
   Dual Step-Down Converter with Battery Monitoring
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774 Datasheet
398Kb / 21P
   Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover
19-1810; Rev 1; 1/02
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
623Kb / 2P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
   500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
Analog Devices
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
   50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
Rev. B
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
   50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
Rev. B
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com