Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

377HS041XO17 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 377HS041XO17
Description  FiberCon Conduit Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

377HS041XO17 Datasheet(HTML) 1 Page - Glenair, Inc.

  377HS041XO17 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
I-9
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
377-041
Composite MIL-DTL-38999 Series III
FiberCon Conduit Adapter
* Conduit I.D. Accomodates Glenair Series 74 Type A Convoluted Tubing, In Accordance With MIL-T-81914.
Product Series
Connector Designator,
MIL-DTL-38999, Series III
Angular Function
S = Straight
W = 90° Elbow
Basic Number
Finish Symbol (Table I)
Shell Size Designator (Table II)
Add letter K for transition to accommodate
PEEK® conduit material.
Omit for standard Teflon® conduit material.
377 H S 041 XM 19 K
B Dia
A Thread
O-Ring
2.00
(50.8)
1.38
(35.1)
Max
Conduit
Termination
Conduit
I.D. *
H
Adapter
Wrench Flats
.12 (3.0) Diameter,
Accomodates 16 Gage
Contacts With .07 (1.8) to
.11 (2.8) Diameter Fiber
Cable (For Number of
Holes See K in Table 1)
Grommet
Keys
F
E
G
1.0 (25.4) R
Wrench Flats
TABLE I: FINISH
SYM
MATERIAL
FINISH
XB
Black
No Plating
XO
Base Non-Conductive No Plating
* Use Glenair 687-142 seal plug in vacant holes
TABLE II: CONNECTOR SHELL SIZE ORDER NUMBER
Shell
Size
A thread
ISO Metric
B
Max
E
+.060 (1.5)
F
+.090 (2.3)
G
+.060 (1.5)
H
Max
J
Ref.
K
(# of Holes)*
11
M15 x 1 - 6H
.770 (19.6) 1.700 (43.2) 2.390 (60.7)
1.900 (48.3) 1.410 (35.8)
.250 (6.4)
2
13
M18 x 1 - 6H
.890 (22.6) 1.780 (45.2) 2.470 (62.7)
1.960 (49.8) 1.410 (35.8)
.310 (7.9)
4
15
M22 x 1 - 6H 1.030 (26.2) 1.820 (46.2) 2.510 (63.8)
2.020 (51.3) 1.410 (35.8)
.310 (7.9)
5
17
M25 x 1 - 6H 1.150 (29.2) 1.890 (48.0) 2.700 (68.6)
2.090 (53.1) 1.640 (41.7) .440 (11.2)
8
19
M28 x 1 - 6H 1.280 (32.5) 1.930 (49.0) 2.740 (69.6) 2.130 (54.1)
1.640 (41.7) .500 (12.7)
11
21
M31 x 1 - 6H 1.410 (35.8) 2.000 (50.8) 2.940 (74.7) 2.190 (55.6)
1.890 (48.0) .500 (12.7)
16
23
M34 x 1 - 6H 1.530 (38.9) 2.080 (52.8) 3.020 (76.7) 2.250 (57.2)
1.890 (48.0) .630 (16.0)
21
25
M37 x 1 - 6H 1.660 (42.2) 2.140 (54.4) 3.200 (81.3) 2.320 (58.9)
2.160 (54.9) .750 (19.1)
29
Metric dimensions (mm) are in parenthesis
and are for reference only.


Similar Part No. - 377HS041XO17

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377HS041XO17KT GLENAIR-377HS041XO17KT Datasheet
314Kb / 2P
   Composite Fiber-Optic Conduit Backshell
More results

Similar Description - 377HS041XO17

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377-041 GLENAIR-377-041 Datasheet
306Kb / 2P
   Composite FiberCon Conduit Adapter
712S269XM GLENAIR-712S269XM_03 Datasheet
26Kb / 1P
   Self-Locking Composite Conduit Adapter
712S270XM GLENAIR-712S270XM_03 Datasheet
23Kb / 1P
   Self-Locking Composite Conduit Adapter
712AS419XM GLENAIR-712AS419XM Datasheet
339Kb / 2P
   Composite Conduit-to-Connector Adapter
712AS419XM19 GLENAIR-712AS419XM19 Datasheet
270Kb / 1P
   Self-Locking Composite Conduit Adapter
712S271XM GLENAIR-712S271XM_03 Datasheet
24Kb / 1P
   Self-Locking Composite Conduit Adapter
712475XM06DE GLENAIR-712475XM06DE Datasheet
33Kb / 1P
   Composite Conduit Bulkhead Feed-Through Adapter
IT37267-10BR1712 GLENAIR-IT37267-10BR1712 Datasheet
539Kb / 2P
   BR Adapter for Termination of UNI4883 Rubber Conduit
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
   Conduit-to-Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
   Conduit to Conduit Fitting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com